Electronic Components Datasheet Search
  English  ▼

X  

18F452 Datasheet(PDF) 264 Page - Microchip Technology

Part # 18F452
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F452 Datasheet(HTML) 264 Page - Microchip Technology

Back Button 18F452 Datasheet HTML 260Page - Microchip Technology 18F452 Datasheet HTML 261Page - Microchip Technology 18F452 Datasheet HTML 262Page - Microchip Technology 18F452 Datasheet HTML 263Page - Microchip Technology 18F452 Datasheet HTML 264Page - Microchip Technology 18F452 Datasheet HTML 265Page - Microchip Technology 18F452 Datasheet HTML 266Page - Microchip Technology 18F452 Datasheet HTML 267Page - Microchip Technology 18F452 Datasheet HTML 268Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 332 page
background image
PIC18FXX2
DS39564B-page 262
 2002 Microchip Technology Inc.
IDD
Supply Current(2,4)
D010
PIC18LFXX2
—
—
—
—
—
—
—
—
—
.5
.5
1.2
.3
.3
1.5
.3
.3
.75
1
1.25
2
1
1
3
1
1
3
mA
mA
mA
mA
mA
mA
mA
mA
mA
XT osc configuration
VDD = 2.0V, +25
°C, FOSC = 4 MHz
VDD = 2.0V, -40
°C to +85°C, FOSC = 4 MHz
VDD = 4.2V, -40
°C to +85°C, FOSC = 4 MHz
RC osc configuration
VDD = 2.0V, +25
°C, FOSC = 4 MHz
VDD = 2.0V, -40
°C to +85°C, FOSC = 4 MHz
VDD = 4.2V, -40
°C to +85°C, FOSC = 4 MHz
RCIO osc configuration
VDD = 2.0V, +25
°C, FOSC = 4 MHz
VDD = 2.0V, -40
°C to +85°C, FOSC = 4 MHz
VDD = 4.2V, -40
°C to +85°C, FOSC = 4 MHz
D010
PIC18FXX2
—
—
—
—
—
—
—
—
—
1.2
1.2
1.2
1.5
1.5
1.6
.75
.75
.8
1.5
2
3
3
4
4
2
3
3
mA
mA
mA
mA
mA
mA
mA
mA
mA
XT osc configuration
VDD = 4.2V, +25
°C, FOSC = 4 MHz
VDD = 4.2V, -40
°C to +85°C, FOSC = 4 MHz
VDD = 4.2V, -40
°C to +125°C, FOSC = 4 MHz
RC osc configuration
VDD = 4.2V, +25
°C, FOSC = 4 MHz
VDD = 4.2V, -40
°C to +85°C, FOSC = 4 MHz
VDD = 4.2V, -40
°C to +125°C, FOSC = 4 MHz
RCIO osc configuration
VDD = 4.2V, +25
°C, FOSC = 4 MHz
VDD = 4.2V, -40
°C to +85°C, FOSC = 4 MHz
VDD = 4.2V, -40
°C to +125°C, FOSC = 4 MHz
D010A
PIC18LFXX2
—
14
30
µA
LP osc, FOSC = 32 kHz, WDT disabled
VDD = 2.0V, -40
°C to +85°C
D010A
PIC18FXX2
—
—
40
50
70
100
µA
µA
LP osc, FOSC = 32 kHz, WDT disabled
VDD = 4.2V, -40
°C to +85°C
VDD = 4.2V, -40
°C to +125°C
22.1
DC Characteristics: PIC18FXX2 (Industrial, Extended)
PIC18LFXX2 (Industrial) (Continued)
PIC18LFXX2
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18FXX2
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic
Min
Typ
Max Units
Conditions
Legend: Shading of rows is to assist in readability of the table.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode, or during a device RESET, without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern and temperature, also have an
impact on the current consumption.
The test conditions for all IDD measurements in active Operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS, and all
features that add delta current disabled (such as WDT, Timer1 Oscillator, BOR,...).
4: For RC osc configuration, current through REXT is not included. The current through the resistor can be
estimated by the formula Ir = VDD/2REXT (mA) with REXT in kOhm.
5: The LVD and BOR modules share a large portion of circuitry. The
∆IBOR and ∆ILVD currents are not additive.
Once one of these modules is enabled, the other may also be enabled without further penalty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com