Electronic Components Datasheet Search
  English  ▼

X  

LM7372 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7372
Description  High Speed, High Output Current, Dual Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM7372 Datasheet HTML 2Page - National Semiconductor (TI) LM7372 Datasheet HTML 3Page - National Semiconductor (TI) LM7372 Datasheet HTML 4Page - National Semiconductor (TI) LM7372 Datasheet HTML 5Page - National Semiconductor (TI) LM7372 Datasheet HTML 6Page - National Semiconductor (TI) LM7372 Datasheet HTML 7Page - National Semiconductor (TI) LM7372 Datasheet HTML 8Page - National Semiconductor (TI) LM7372 Datasheet HTML 9Page - National Semiconductor (TI) LM7372 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
±5V AC Electrical Characteristics (Continued)
Note 4: The maximum power dissipation is a function of T(JMAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(T(JMAX) –TA)/θJA. All numbers apply for packages soldered directly into a PC board. The value for θJA is 106˚C/W for the SOIC 16 package. With a total area of
4sq. in of 1oz CU connected to pins 1,6,8,9 & 16,
θJA for the SOIC 16 is decreased to 70˚C/W.
Note 5: Typical values represent the most likely parametic norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT = ± 10V. For VS = ±5V,
VOUT = ±2V
Note 8: Slew Rate is the average of the rising and falling slew rates.
Note 9: Differential gain and phase are measured with AV = +2, VIN =1VPP at 3.58 MHz and output is 150Ω terminated.
Typical Performance Characteristics
Harmonic Distortion vs. Frequency
20004904
Harmonic Distortion vs. Frequency
20004905
Harmonic Distortion vs. Frequency
20004906
Harmonic Distortion vs. Frequency
20004907
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com