Electronic Components Datasheet Search
  English  ▼

X  

LM7372 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7372
Description  High Speed, High Output Current, Dual Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM7372 Datasheet HTML 1Page - National Semiconductor (TI) LM7372 Datasheet HTML 2Page - National Semiconductor (TI) LM7372 Datasheet HTML 3Page - National Semiconductor (TI) LM7372 Datasheet HTML 4Page - National Semiconductor (TI) LM7372 Datasheet HTML 5Page - National Semiconductor (TI) LM7372 Datasheet HTML 6Page - National Semiconductor (TI) LM7372 Datasheet HTML 7Page - National Semiconductor (TI) LM7372 Datasheet HTML 8Page - National Semiconductor (TI) LM7372 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM7372
High Speed, High Output Current, Dual Operational
Amplifier
General Description
The LM7372 is a high speed dual voltage feedback amplifier
that has the slewing characteristic of current feedback am-
plifiers; yet it can be used in all traditional voltage feedback
amplifier configurations.
The LM7372 is stable for gains as low as +2 or −1. It
provides a very high slew rate at 3000V/µs and a wide gain
bandwidth product of 120MHz, while consuming only
6.5mA/per amplifier of supply current. It is ideal for video and
high speed signal processing applications such as xDSL and
pulse amplifiers. With 150mA output current, the LM7372
can be used for video distribution, as a transformer driver or
as a laser diode driver.
Operation on ±15V power supplies allows for large signal
swings
and
provides
greater
dynamic
range
and
signal-to-noise ratio. The LM7372 offers high SFDR and low
THD, ideal for ADC/DAC systems. In addition, the LM7372 is
specified for ±5V operation for portable applications.
The LM7372 is built on National’s Advance VIP™ III (Verti-
cally integrated PNP) complementary bipolar process.
Features
n
−80dBc highest harmonic distortion @1MHz, 2V
PP
n
Very high slew rate: 3000V/µs
n
Wide gain bandwidth product: 120MHz
n
−3dB frequency @ A
V = +2: 200MHz
n
Low supply current: 13mA (both amplifiers)
n
High open loop gain: 85dB
n
High output current: 150mA
n
Differential gain and phase: 0.01%, 0.02˚
Applications
n
HDSL and ADSL Drivers
n
Multimedia broadcast systems
n
Professional video cameras
n
CATV/Fiber optics signal processing
n
Pulse amplifiers and peak detectors
n
HDTV amplifiers
Typical Application
20004903
FIGURE 1. Single Supply Application (SOIC-16)
February 2002
© 2002 National Semiconductor Corporation
DS200049
www.national.com


Similar Part No. - LM7372

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
High Speed, High Output Current, Dual Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 28P
LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
National Semiconductor ...
LM7372IMA NSC-LM7372IMA Datasheet
1Mb / 26P
LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372IMA TI1-LM7372IMA Datasheet
1Mb / 28P
LM7372 High Speed, High Output Current, Dual Operational Amplifier
LM7372IMA/NOPB TI1-LM7372IMA/NOPB Datasheet
1Mb / 28P
LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results

Similar Description - LM7372

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
High Output Current High Speed Dual Operational Amplifier
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
High Output Current High Speed Dual Operational Amplifier
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
High Speed, High Output Current, Dual Operational Amplifier
LM7372 TI1-LM7372_14 Datasheet
1Mb / 28P
LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com