Electronic Components Datasheet Search
  English  ▼

X  

LM7372 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7372
Description  High Speed, High Output Current, Dual Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM7372 Datasheet HTML 6Page - National Semiconductor (TI) LM7372 Datasheet HTML 7Page - National Semiconductor (TI) LM7372 Datasheet HTML 8Page - National Semiconductor (TI) LM7372 Datasheet HTML 9Page - National Semiconductor (TI) LM7372 Datasheet HTML 10Page - National Semiconductor (TI) LM7372 Datasheet HTML 11Page - National Semiconductor (TI) LM7372 Datasheet HTML 12Page - National Semiconductor (TI) LM7372 Datasheet HTML 13Page - National Semiconductor (TI) LM7372 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Simplified Schematic Diagram
20004928
Application Notes
The LM7372 is a high speed dual operational amplifier with
a very high slew rate and very low distortion, yet like many
other op amps, it is used in conventional voltage feedback
amplifier applications. Also, again like many op amps, it has
a class AB output stage in order to be able to deliver high
currents to low impedance loads, yet draw very little quies-
cent supply current. For most op-amps in typical applica-
tions, this topology means that internal power dissipation is
rarely an issue, even with the trend to smaller surface mount
packages. However, the LM7372 has been designed for
applications where significant levels of power dissipation will
be encountered, and an effective means of removing the
internal heat generated by this power dissipation is needed
to maintain the semiconductor junction temperature at ac-
ceptable levels, particularly in environments with elevated
ambient temperatures.
Several factors contribute to power dissipation and conse-
quently higher semiconductor junction temperatures, and
these factors need to be well understood if the LM7372 is to
perform to the desired specifications in a given application.
Since different applications will have different dissipation
levels and different compromises can be made between the
ways these factors will contribute to the total junction tem-
perature, this section will examine the typical application
shown on the front page of this data sheet as an example,
and offer suggestions for solutions where excessive junction
temperatures are encountered.
There are two major contributors to the internal power dissi-
pation; the product of the supply voltage and the LM7372
quiescent current when no signal is being delivered to the
external load, and the additional power dissipated while
delivering power to the external load. The first of these
components is easy to calculate simply by inspection of the
data sheet. The LM7372 quiescent supply current is given as
6.5mA per amplifier, so with a 24Volt supply the power
dissipation is
PQ=V
S x 2Iq
(V
S =VCC +VEE)
= 24 x (6.5 x 10-3)
= 312mW
This is already a high level of internal power dissipation, and
in a small surface mount package with a thermal resistance
(
θ
JA = 140˚C/Watt (a not unreasonable value for an SO-8
package) would result in a junction temperature 140˚C/W x
0.312W = 43.7˚C above the ambient temperature. A similar
calculation using the worst case maximum current limit at an
85˚C ambient will yield a power dissipation of 456mW with a
junction temperature of 149˚C, perilously close to the maxi-
mum permitted junction temperature of 150˚C!
The second contributor to high junction temperature is the
additional power dissipated internally when power is being
delivered to the external load. This cause of temperature rise
can be less amenable to calculation, even when the actual
operating conditions are known.
For a Class B output stage, one transistor of the output pair
will conduct the load current as the output voltage swings
positive, with the other transistor drawing no current, and
hence dissipating no power. During the other half of the
signal swing this situation is reversed, with the lower transis-
tor sinking the load current and the upper transistor is cut off.
The current in each transistor will be a half wave rectified
version of the total load current. Ideally neither transistor will
dissipate power when there is no signal swing, but will
dissipate increasing power as the output current increases.
However, as the signal voltage across the load increases
with load current, the voltage across the output transistor
(which is the difference voltage between the supply voltage
and the instantaneous voltage across the load) will decrease
and a point will be reached where the dissipation in the
transistor will begin to decrease again. If the signal is driven
into a square wave, ideally the transistor dissipation will fall
all the way back to zero.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com