Electronic Components Datasheet Search
  English  ▼

X  

P9028AC Datasheet(PDF) 4 Page - Integrated Device Technology

Part # P9028AC
Description  Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9028AC Datasheet(HTML) 4 Page - Integrated Device Technology

  P9028AC Datasheet HTML 1Page - Integrated Device Technology P9028AC Datasheet HTML 2Page - Integrated Device Technology P9028AC Datasheet HTML 3Page - Integrated Device Technology P9028AC Datasheet HTML 4Page - Integrated Device Technology P9028AC Datasheet HTML 5Page - Integrated Device Technology P9028AC Datasheet HTML 6Page - Integrated Device Technology P9028AC Datasheet HTML 7Page - Integrated Device Technology P9028AC Datasheet HTML 8Page - Integrated Device Technology P9028AC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
P9028AC
Product Datasheet
Revision 1.0.3
4
©2015IntegratedDeviceTechnology,Inc.
ELECTRICAL SPECIFICATION TABLE
VRECT=6V, COUT=1uF, CVRECT=20uF, VEN=0V, TA = 0C to 85C, unless otherwise noted. Typical values are at 25°C, unless otherwise noted.
Table 4. Device Characteristics.
Symbol
Description
Conditions
Min
Typ
Max
Units
Under-voltage Lock-out
VUVLO
Under-voltage lockout
Rising voltage on VRECT
2.3
2.5
2.7
V
VUVLO-HYS
UVLO hysteresis
50
mV
Over-voltage Protection
VOVP
Over-voltage VRECT
Rising voltage on VRECT
12.8
13.3
13.8
V
VOVP-HYS
Over-voltage hysteresis
1.5
V
Power Supply Current
IRECT
Quiescent current
IOUT = 0mA, with internal load
14
16
18
mA
IOUT = 0mA, no internal load
2
3
4
mA
Low-drop-out Regulator
ILIM
Output current limit
OUT
RLIM=30kΩ
1.15
1.6
1.95
A
RLIM<25KΩ (Note 1)
2.0
VOUT
Regulated output
voltage OUT
IOUT = 0mA to 1000mA
5.04
5.3
5.56
V
VDD Voltage (For Internal Supply Use Only)
VDD_INT
Internal Supply Voltage
IVDD = 100A, maximum
allowable load for test purposes
4.44
4.54
4.64
V
Thermal Shutdown
TSHD
Thermal shutdown
threshold
Temperature rising
150
°C
Temperature falling
130
°C
Digital Input and Output Characteristics
VIL
Logic level input low
EN, CS100, TEOP
0.4
V
VIH
Logic level input high
EN, CS100, TEOP
1.3
V
VOL
Open drain voltage
STAT,
INT
ISTAT = 4mA
400
mV
RPD
Pull-down resistance
EN, CS100
200
kΩ
TEOP
1000
Switch On-resistance
RDSON
ACM1, ACM2 switches
150mA
1600
mΩ
CLAMP1, CLAMP2
switches
400
475
680
mΩ
Rectifier bridge switches
60
110
180
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com