Electronic Components Datasheet Search
  English  ▼

X  

M61528FP Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # M61528FP
Description  SCF TYPE FIXED EQUALIZER FOR CAR AUDIO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M61528FP Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button M61528FP Datasheet HTML 4Page - Hitachi Semiconductor M61528FP Datasheet HTML 5Page - Hitachi Semiconductor M61528FP Datasheet HTML 6Page - Hitachi Semiconductor M61528FP Datasheet HTML 7Page - Hitachi Semiconductor M61528FP Datasheet HTML 8Page - Hitachi Semiconductor M61528FP Datasheet HTML 9Page - Hitachi Semiconductor M61528FP Datasheet HTML 10Page - Hitachi Semiconductor M61528FP Datasheet HTML 11Page - Hitachi Semiconductor M61528FP Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
M61528FP
Rev.1.1, Dec.17.2003, page 8 of 30
REAR characteristics : 2.0 / 2.5 / 3.0 / 3.5 / 4.0 (Gv=-8dB, f0=120Hz setting)
(2) Frequency characteristics of Mid (This characteristics is a simulation result.)
• Gain control : +4dB to –8dB / 0.5dB (f0=1.2KHz, Q=1.0 setting)
• Center frequency : 800Hz / 1.2KHz / 1.5KHz / 2.0KHz / 3.0KHz (Gv=-8dB, Q=1.0 setting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com