Electronic Components Datasheet Search
  English  ▼

X  

M61528FP Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # M61528FP
Description  SCF TYPE FIXED EQUALIZER FOR CAR AUDIO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M61528FP Datasheet(HTML) 3 Page - Hitachi Semiconductor

  M61528FP Datasheet HTML 1Page - Hitachi Semiconductor M61528FP Datasheet HTML 2Page - Hitachi Semiconductor M61528FP Datasheet HTML 3Page - Hitachi Semiconductor M61528FP Datasheet HTML 4Page - Hitachi Semiconductor M61528FP Datasheet HTML 5Page - Hitachi Semiconductor M61528FP Datasheet HTML 6Page - Hitachi Semiconductor M61528FP Datasheet HTML 7Page - Hitachi Semiconductor M61528FP Datasheet HTML 8Page - Hitachi Semiconductor M61528FP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
M61528FP
Rev.1.1, Dec.17.2003, page 3 of 30
Pin Description
Pin No.
Name
Function
3
FLIN
Input pin of FRONT L channel
4
FRIN
Input pin of FRONT R channel
5
RLIN
Input pin of REAR L channel
6
RRIN
Input pin of REAR R channel
23
FLOUT
Output pin of FRONT L channel
22
FROUT
Output pin of FRONT R channel
21
RLOUT
Output pin of REAR L channel
20
RROUT
Output pin of REAR R channel
2,19
GND
Analog ground pin
7,18
DGND
Digital ground pin
24
VCC
Power supply pin
1
VREFIN
Signal ground of IC
8
TEST
TEST pin
15
SACTIVE
Output pin of soft-changing ACTIVE signal
14
OSCIN
Buffer input pin for the ceramics oscillation
13
OSCOUT
Buffer output pin for the ceramics oscillation
12
OSCR
Input pin for the inside oscillation
17
DATA
Input pin of Serial DATA
16
CLOCK
Input pin of CLOCK
9 to 11
N.C
Non – connection pin
Absolute Maximum Ratings
Symbol
Parameter
Condition
Ratings
Unit
VCC
Power supply
10.5
V
Pd
Power dissipation
Ta
≤ 25 °C
1.0
W
K
Thermal derating
Ta
> 25 °C (Circuit board installation)
10
mW/°C
Topr
Operating temperature
-30 to +85
°C
Tstg
Storage temperature
-55 to +125
°C
Recommended Operating Conditions
Ratings
Symbol
Parameter
MIN
TYP
MAX
Unit
VCC
Power supply
7.0
8.0
9.0
VIH
Logic “H” level input voltage(16,17pin)
2.7
—
5.0
V
VIL
Logic “L” level input voltage(16,17pin)
GND
—
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com