Electronic Components Datasheet Search
  English  ▼

X  

M61528FP Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # M61528FP
Description  SCF TYPE FIXED EQUALIZER FOR CAR AUDIO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M61528FP Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button M61528FP Datasheet HTML 9Page - Hitachi Semiconductor M61528FP Datasheet HTML 10Page - Hitachi Semiconductor M61528FP Datasheet HTML 11Page - Hitachi Semiconductor M61528FP Datasheet HTML 12Page - Hitachi Semiconductor M61528FP Datasheet HTML 13Page - Hitachi Semiconductor M61528FP Datasheet HTML 14Page - Hitachi Semiconductor M61528FP Datasheet HTML 15Page - Hitachi Semiconductor M61528FP Datasheet HTML 16Page - Hitachi Semiconductor M61528FP Datasheet HTML 17Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
M61528FP
Rev.1.1, Dec.17.2003, page 13 of 30
Data Transmission of Fixed Equalizer Setting
• Faulty operation in the communication error occurrence.
Fixed equalizer setting premise no-change setting after setting is done once.
By this premise, A noise countermeasure circuit of the setting change isn’t built in.
Therefore, It has the possibility that noise is made by communication error.
These countermeasures are taken by this IC as it is shown in next page.
 Fixed equalizer setting change in the communication error occurrence.(example)
LATCH condition
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
[ Transmitting data of normal.]
DATA
CLOCK
LATCH condition
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 D11 D12 D13 D14 D15
[ Transmitting data of communication error. ]
DATA
CLOCK
D4 is lack.
Communication error occurrence.
SLOT 1, f0 setting: 300Hz, Q setting:3.0, Gv setting: -8.0dB
SLOT 1, f0 setting: 300Hz, Q setting: 3.0, Gv setting: 0dB
* In the case of the upper figure, Fixed equalizer gain setting of FRONT Lch low range
occur faulty operation, and it has the possibility that noiseis made.
Gv= -8.0dB
⇒ Gv= 0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com