Electronic Components Datasheet Search
  English  ▼

X  

SBP13005 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SBP13005
Description  High Voltage Fast-Switching NPN Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SBP13005 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SBP13005 Datasheet HTML 1Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 2Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 3Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 4Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 5Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0
50
100
150
200
0
25
50
75
100
125
T
C, Case Temperature (
oC)
0
100
200
300
400
500
600
700
800
0
1
2
3
4
5
-3V
-5V
-1.5V
V
BE(off) = -9V
V
CE, Collector-Emitter Clamp Voltage [V]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
100 µs
10 µs
1ms
500 µs
DC
V
CE, Collector-Emitter Clamp Voltage [V]
4/6
SBP13005
Fig 8. Reverse Biased Safe Operation
Areas
Fig 7. Safe Operation Areas
Fig 9. Power Derating Curve
※
Single Pulse
※
Notes :
TJ ≤ 100 °C
IB1 = 2 A
RBB = 0 Ω
LC = 0.35mH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com