Electronic Components Datasheet Search
  English  ▼

X  

SBP13005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SBP13005
Description  High Voltage Fast-Switching NPN Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SBP13005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SBP13005 Datasheet HTML 1Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 2Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 3Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 4Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 5Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage ( VBE = 0 )
700
V
VCEO
Collector-Emitter Voltage ( IB = 0 )
400
V
VEBO
Emitter-Base Voltage ( IC = 0 )
9.0
V
IC
Collector Current
4.0
A
ICM
Collector Peak Current ( tP < 5 ms )
8.0
A
IB
Base Current
2.0
A
IBM
Base Peak Current ( tP < 5 ms )
4.0
A
PC
Total Dissipation at TC = 25 °C
75
W
TSTG
Storage Temperature
- 65 ~ 150
°C
TJ
Max. Operating Junction Temperature
150
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
RθJC
Thermal Resistance, Junction-to-Case
1.67
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W
SBP13005
Oct, 2002. Rev. 1
1/6
Features
◆
Very High Switching Speed (Typical 70ns@2.0A)
◆
Minimum Lot-to-Lot hFE Variation
◆
Low VCE(sat) (Typical 180mV@2.0A/0.5A)
◆
Wide Reverse Bias S.O.A
General Description
This devices is designed for high voltage, high speed switch-
ing characteristic required such as lighting system, switching
regulator, inverter and deflection circuit.
High Voltage Fast-Switching NPN Power Transistor
2.Collector
3.Emitter
1.Base
Symbol
○
○
○
TO-220
1
2
3
SemiWell Semiconductor
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved


Similar Part No. - SBP13005

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SBP13005 SEMIWELL-SBP13005 Datasheet
700Kb / 6P
High Voltage Fast-Switching NPN Power Transistor
logo
Shenzhen Winsemi Microe...
SBP13005-O WINSEMI-SBP13005-O Datasheet
520Kb / 6P
High Voltage Fast-SwitchingNPN Power Transistor
logo
SemiWell Semiconductor
SBP13005-O SEMIWELL-SBP13005-O Datasheet
160Kb / 4P
High Voltage Fast Switching NPN
SBP13005-S SEMIWELL-SBP13005-S Datasheet
160Kb / 4P
High Voltage Fast Switching NPN
logo
Shenzhen Winsemi Microe...
SBP13005D WINSEMI-SBP13005D Datasheet
325Kb / 4P
High Voltage Fast-SwitchingNPN Power Transistor
More results

Similar Description - SBP13005

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com