Electronic Components Datasheet Search
  English  ▼

X  

SBP13005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SBP13005
Description  High Voltage Fast-Switching NPN Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SBP13005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SBP13005 Datasheet HTML 1Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 2Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 3Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 4Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 5Page - List of Unclassifed Manufacturers SBP13005 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics ( T
C = 25 °C unless otherwise noted )
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICEV
Collector Cut-off Current
( VBE = - 1.5V )
VCE = 700V
VCE = 700V
TC = 100 °C
-
-
1.0
5.0
mA
VCEO(sus)
Collector-Emitter Sustaining Voltage
( IB = 0 )
IC = 10 mA
400
--
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 1.0A
IB = 0.2A
IC = 2.0A
IB = 0.5A
IC = 4.0A
IB = 1.0A
-
-
0.3
0.5
1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 1.0A
IB = 0.2A
IC = 2.0A
IB = 0.5A
--
1.2
1.6
V
hFE
DC Current Gain
IC = 1.0A
VCE = 5V
IC = 2.0A
VCE = 5V
10
8
-
-
40
40
ts
tf
Resistive Load
Storage Time
Fall Time
IC = 2.0A
VCC = 125V
IB1 = 0.4A
IB2 = - 0.4A
TP = 25㎲
-
2.5
0.15
4.0
0.4
㎲
ts
tf
Inductive Load
Storage Time
Fall Time
VCC = 15V
IC = 2.0A
IB1 = 0.4A
IB2 = - 1.0A
L = 0.35mH
Vclamp = 300V
-
1.1
0.07
2.0
0.3
㎲
ts
tf
Inductive Load
Storage Time
Fall Time
VCC = 15V
IC = 2.0A
IB1 = 0.4A
IB2 = - 1.0A
L = 0.35mH
Vclamp = 300V
TC = 100 °C
-
1.2
0.08
3.0
0.4
㎲
SBP13005
2/6
※
Notes :
Pulse Test : Pulse width ≤ 300㎲, Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com