Electronic Components Datasheet Search
  English  ▼

X  

SC1403 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1403
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1403 Datasheet HTML 6Page - Semtech Corporation SC1403 Datasheet HTML 7Page - Semtech Corporation SC1403 Datasheet HTML 8Page - Semtech Corporation SC1403 Datasheet HTML 9Page - Semtech Corporation SC1403 Datasheet HTML 10Page - Semtech Corporation SC1403 Datasheet HTML 11Page - Semtech Corporation SC1403 Datasheet HTML 12Page - Semtech Corporation SC1403 Datasheet HTML 13Page - Semtech Corporation SC1403 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
 2002 Semtech Corp.
www.semtech.com
SC1403
PRELIMINARY
POWER MANAGEMENT
PRELIMINARY
Functional Information
Current Sense (CSH, CSL)
The output current of the power supply is sensed as the voltage
drop across an external resistor between CSH and CSL pins. Over-
current is detected when the current sense voltage exceeds +/-
50mV. A positive over-current will turn off the high-side driver; a
negative over-current will turn off the low-side driver, each on a
cycle by cycle basis.
Oscillator
When the SYNC pin is set high the oscillator runs at 300KHz;
when SYNC is set low the frequency is 200KHz. The oscillator can
also be synchronized to the falling edge of a clock on the SYNC pin
with a frequency between 240KHz and 350KHz. In general,
200KHz operation is used for highest efficiency, and the 300KHz
for minimum output ripple and/or smaller filter components.
Fault Protection
In addition to cycle-by-cycle current limit, the SC1403 monitors
over-temperature, and output over-voltage and under-voltage
conditions. The over-temperature detect will shut the part down if
the die temperature exceeds 150
°C with 10°C of hysteresis.
If either SMPS output is more than 10% above its nominal value,
both SMPS are latched off and synchronous rectifiers are latched
on. To prevent the output from ringing below ground in a fault
condition, a 1A Schottky diode should be placed across each output.
Two different levels of undervoltage are detected. If the output
falls 10% below its nominal output, the RESET output is pulled
low.If the output falls 25% below its nominal output following a
start-up delay, both SMPS are latched off. Both of the latched fault
modes persist until SHDN or RUN/ON3 is toggled or the V+ input is
brought below 1V.
Output Voltage Selection
If FB is connected to ground, internal resistors setup 3.3V and 5V
output voltages. If external resistors are used, the internal feedback
is disabled and the output is regulated based on 2.5V reference at
the FB pin. (see comment in the application design section).
Power up Controls and Soft Start
The user has control of the SC1403 RESET# by setting the SEQ,
ON3 and ON5 pins as described in the following table.
Each SMPS contains its own counter and DAC to gradually increase
the current limit at startup to prevent surge currents. The current
limit is increased from 0, 20%, 40%, 60%, 80%, to 100% linearly
over the course of 512 switching cycles.
A RESET# output is also generated at startup. The RESET# pin is
held low for 32K switching cycles. Another timer is used to enable
the undervoltage protection. The undervoltage protection circuitry
is enabled after 6144 switching cycles at which time the SMPS
should be in regulation.
When SEQ is set to REF, the RESET# pin only monitors the 3.3V
SMPS in regulation and the 5V SMPS is ignored.
Applications Information
Reference Circuit Design
Reference Circuit Design
Reference Circuit Design
Reference Circuit Design
Reference Circuit Design
Introduction
Introduction
Introduction
Introduction
Introduction
The SC1403 is a versatile dual switching regulator adjustable
from 2.5V to 5.5V with fixed 5V and 3.3V modes. In addition,
there is an on-chip 5V linear regulator capable of supplying 50mA
Shutdown and Operating Modes
Shutdown and Operating Modes
Shutdown and Operating Modes
Shutdown and Operating Modes
Shutdown and Operating Modes
Holding the SHDN pin low disables the SC1403, reducing the V+
input current to less than 10uA. When SHDN goes high, the part
enters a standby mode where the VL regulator and VREF are
enabled. Turning on either SMPS will put the SC1403 in run mode.
N
D
H
S3
N
O5
N
OE
D
O
MN
O
I
T
P
I
R
C
S
E
D
w
o
LX
X
-t
u
h
S
n
w
o
d
s
a
i
b
m
u
m
i
n
i
M
t
n
e
r
r
u
c
h
g
i
Hw
o
Lw
o
Ly
b
d
n
a
t
SL
V
d
n
a
F
E
R
V
r
o
t
a
l
u
g
e
r
e
l
b
a
n
e
h
g
i
Hh
g
i
Hh
g
i
Hn
u
R
e
d
o
M
S
P
M
S
h
t
o
B
g
n
i
n
n
u
R
output current. The SC1403 is designed for notebook applications
but has applications where high efficiency, small package and low
cost are required.
g
n
i
d
a
o
L
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
1
1
5K
7
6
.
2K
9
.
9
4K
5
5
2g
e
M
1
n
o
it
a
i
v
e
D
=
f
e
r
V
m
o
r
f
V
0
2
9
4
.
2
V
m
3
.
8V
m
1
.
3V
m
5
.
0V
m
3
.
0V
m
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com