Electronic Components Datasheet Search
  English  ▼

X  

SC1403 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC1403
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC1403 Datasheet HTML 10Page - Semtech Corporation SC1403 Datasheet HTML 11Page - Semtech Corporation SC1403 Datasheet HTML 12Page - Semtech Corporation SC1403 Datasheet HTML 13Page - Semtech Corporation SC1403 Datasheet HTML 14Page - Semtech Corporation SC1403 Datasheet HTML 15Page - Semtech Corporation SC1403 Datasheet HTML 16Page - Semtech Corporation SC1403 Datasheet HTML 17Page - Semtech Corporation SC1403 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14
 2002 Semtech Corp.
www.semtech.com
SC1403
PRELIMINARY
POWER MANAGEMENT
PRELIMINARY
Applications Information (Cont.)
Simulated overall gain & phase responses (up to 100KHz) is plot-
ted below.
Measured feedback gain & phase responses (up to 100KHz) is
plotted below.
-15
-10
-5
0
5
10
15
20
25
1.00E+02
1.00E+03
1.00E+04
1.00E+05
f (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.00E+02
1.00E+03
1.00E+04
1.00E+05
f (Hz)
-80
-60
-40
-20
0
20
40
60
80
1.00E+02
1.00E+03
1.00E+04
1.00E+05
f (Hz)
-20
0
20
40
60
80
100
120
140
160
180
1.00E+02
1.00E+03
1.00E+04
1.00E+05
f (Hz)
-15
-10
-5
0
5
10
15
20
25
1.00E+02
1.00E+03
1.00E+04
1.00E+05
f (Hz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
1.00E+02
1.00E+03
1.00E+04
1.00E+05
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com