Electronic Components Datasheet Search
  English  ▼

X  

SC1403 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC1403
Description  Mobile Multi-Output PWM Controller with Virtual Current SenseTM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC1403 Datasheet HTML 11Page - Semtech Corporation SC1403 Datasheet HTML 12Page - Semtech Corporation SC1403 Datasheet HTML 13Page - Semtech Corporation SC1403 Datasheet HTML 14Page - Semtech Corporation SC1403 Datasheet HTML 15Page - Semtech Corporation SC1403 Datasheet HTML 16Page - Semtech Corporation SC1403 Datasheet HTML 17Page - Semtech Corporation SC1403 Datasheet HTML 18Page - Semtech Corporation SC1403 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
15
 2002 Semtech Corp.
www.semtech.com
SC1403
POWER MANAGEMENT
PRELIMINARY
Applications Information (Cont.)
Measured overall gain & phase response of the single-pole com-
pensation using SC1403 is plotter below.
Table I. Recommended compensation cap for different output
capacitance.
Table I. is useful only if the following ESR condition is satisfied.
fo > 50KHz
where Resr is the equivalent ESR of the total output caps.
-20
0
20
40
60
80
100
120
140
160
180
1.00E+02
1.00E+03
1.00E+04
1.00E+05
f (Hz)
-80
-45
-10
25
60
1.00E+02
1.00E+03
1.00E+04
1.00E+05
f (Hz)
Transient responses of the switcher using single-pole compensa-
tion are shown below. The load steps from 0A to 3A and 3A to 6A.
The applied di/dt is 2.5A/usec
O
ESR
O
C
R
2
1
f
⋅
⋅
π
⋅
=
p
a
C
t
u
p
t
u
On
o
it
a
s
n
e
p
m
o
C
d
e
d
n
e
m
m
o
c
e
R
e
u
l
a
V
p
a
C
F
µ
0
8
1
=
<F
p
0
0
1
F
µ
0
0
0
1
<
&
F
µ
0
8
1
>F
p
0
0
2
F
µ
0
0
0
1
>F
p
0
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com