Electronic Components Datasheet Search
  English  ▼

X  

SC1544 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1544
Description  ACPI Controller for Advanced Motherboards
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1544 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1544 Datasheet HTML 7Page - Semtech Corporation SC1544 Datasheet HTML 8Page - Semtech Corporation SC1544 Datasheet HTML 9Page - Semtech Corporation SC1544 Datasheet HTML 10Page - Semtech Corporation SC1544 Datasheet HTML 11Page - Semtech Corporation SC1544 Datasheet HTML 12Page - Semtech Corporation SC1544 Datasheet HTML 13Page - Semtech Corporation SC1544 Datasheet HTML 14Page - Semtech Corporation SC1544 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1544
PRELIMINARY
GND
3.3V DUAL MEM
/SLP_S5
5V DUAL
Q4
IRLR3103
USB
C11
1uF
GND
PWR_OK
5VSB
C 9
0.01uF
1.8V
C3
100uF/6.3V
Q5
IRLR3103
U 1
SC1544-3.3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
G5
3.3VDM
G6
G7
AGP
TYPEDET
PWR_OK
EN
/S3
/S5
USB
P C I
-CAP
+CAP
FC
5VSB
5VD
G1
G2/3
GND
3.3VD
G4
1.8V
G8
Q3
IRLR3103
C6
100uF/6.3V
GND
C8
100uF/6.3V
TYPEDET
EN
C7
100uF/6.3V
Q2
IRLR3103
3.3V
GND
GND
C4
100uF/6.3V
Q6
IRLR3103
C10
0.1uF
C1
100uF/6.3V
AGP
C5
100uF/6.3V
Q8
IRLR3103
/SLP_S3
Q7
IRLR3103
3.3V DUAL
C2
100uF/6.3V
5V
PCI
GND
GND
GND
Q1
IRLR3103
Notes:
(1) 3.3V option shown - see below for Q5 configuration for 2.5V option.
(2) 1.8V output shown powered from 3.3V. If powered from 5VSB, this becomes 1.8VSB.
(3) See Applications Information.
C2
100uF/6.3V
Q5
5VSB
GND
D1
GND
C6
100uF/6.3V
2.5V DUAL MEM
Q6
Q5 body diode in series with D1 to pre-charge 2.5V Dual Memory
D1 to ensure that the linear regulator will still regulate
3.3V
GND
C3
100uF/6.3V
U 1
SC1544-2.5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
G5
2.5VDM
G6
G7
AGP
TYPEDET
PWR_OK
EN
/S3
/S5
USB
P C I
-CAP
+CAP
FC
5VSB
5VD
G1
G2/3
GND
3.3VD
G4
1.8V
G8
Typical Applications Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com