Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5050
Description  Integrated Power Solution with Quad Buck
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 7Page - Analog Devices ADP5050 Datasheet HTML 8Page - Analog Devices ADP5050 Datasheet HTML 9Page - Analog Devices ADP5050 Datasheet HTML 10Page - Analog Devices ADP5050 Datasheet HTML 11Page - Analog Devices ADP5050 Datasheet HTML 12Page - Analog Devices ADP5050 Datasheet HTML 13Page - Analog Devices ADP5050 Datasheet HTML 14Page - Analog Devices ADP5050 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
ADP5053
Data Sheet
Rev. B | Page 10 of 36
Pin No.
Mnemonic
Description
32
BST1
High-Side FET Driver Power Supply for Channel 1.
33, 34
SW1
Switching Node Output for Channel 1.
35, 36
PVIN1
Power Input for the Internal 5.1 V VREG Linear Regulator and the Channel 1 Buck Regulator. Connect a bypass
capacitor between this pin and ground.
37
EN1
Enable Input for Channel 1. An external resistor divider can be used to set the turn-on threshold.
38
SS12
Connect a resistor divider from this pin to VREG and ground to configure the soft start time for Channel 1 and
Channel 2 (see the Soft Start section).This pin is also used to configure parallel operation of Channel 1 and Channel 2
(see the Parallel Operation section).
39
COMP1
Error Amplifier Output for Channel 1. Connect an RC network from this pin to ground.
40
FB1
Feedback Sensing Input for Channel 1.
41
RT
Frequency Setting. Connect a resistor from RT to ground to program the switching frequency from 250 kHz to
1.4 MHz. For more information, see the Oscillator section.
42
VDD
Output of the Internal 3.3 V Linear Regulator. Connect a 1 µF ceramic capacitor between this pin and ground.
43
SYNC/MODE
Synchronization Input/Output (SYNC). To synchronize the switching frequency of the device to an external
clock, connect this pin to an external clock with a frequency from 250 kHz to 1.4 MHz. The SYNC function of
this pin can also be configured as a synchronization output by factory fuse.
Forced PWM or Automatic PWM/PSM Selection Pin (MODE). When this pin is logic high, the device operates in
forced PWM (FPWM) mode. When this pin is logic low, the device operates in automatic PWM/PSM mode.
44
VREG
Output of the Internal 5.1 V Linear Regulator. Connect a 1 µF ceramic capacitor between this pin and ground.
45
FB3
Feedback Sensing Input for Channel 3.
46
COMP3
Error Amplifier Output for Channel 3. Connect an RC network from this pin to ground.
47
SS34
Connect a resistor divider from this pin to VREG and ground to configure the soft start time for Channel 3 and
Channel 4 (see the Soft Start section).
48
EN3
Enable Input for Channel 3. Use an external resistor divider to set the turn-on threshold.
0
EPAD
Exposed Pad (Analog Ground). The exposed pad must be connected and soldered to an external ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com