Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP5050
Description  Integrated Power Solution with Quad Buck
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 28Page - Analog Devices ADP5050 Datasheet HTML 29Page - Analog Devices ADP5050 Datasheet HTML 30Page - Analog Devices ADP5050 Datasheet HTML 31Page - Analog Devices ADP5050 Datasheet HTML 32Page - Analog Devices ADP5050 Datasheet HTML 33Page - Analog Devices ADP5050 Datasheet HTML 34Page - Analog Devices ADP5050 Datasheet HTML 35Page - Analog Devices ADP5050 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Data Sheet
ADP5053
Rev. B | Page 31 of 36
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Effective circuit board layout is essential to obtain the best
performance from the ADP5053 (see Figure 51). Poor layout
can affect the regulation and stability of the device, as well as
the electromagnetic interference (EMI) and electromagnetic
compatibility (EMC) performance. Refer to the following
guidelines for the most effective PCB layout.
•
Place the input capacitor, inductor, MOSFET, output
capacitor, and bootstrap capacitor near to the IC.
•
Use short, thick traces to connect the input capacitors to
the PVINx pins, and use dedicated power ground to connect
the input and output capacitor grounds to minimize the
connection length.
•
Use several high current vias, if required, to connect
PVINx, PGNDx, and SWx to other power planes.
•
Use short, thick traces to connect the inductors to the
SWx pins and the output capacitors.
•
Ensure that the high currentloop traces are as short and wide
as possible. Figure 50 shows the high current path.
•
Maximize the amount of ground metal for the exposed pad,
and use as many vias as possible on the component side to
improve thermal dissipation.
•
Use a ground plane with several vias connected to the
component side ground to further reduce noise
interference on sensitive circuit nodes.
•
Place the decoupling capacitors near to the VREG and
VDD pins.
•
Place the frequency setting resistor near to the RT pin.
•
Place the feedback resistor divider near to the FBx pin. In
addition, keep the FBx traces away from the high current
traces and the switch node to avoid noise pickup.
•
Use 0402 or 0603 size resistors and capacitors to achieve
the smallest possible footprint solution on boards where
space is limited.
VIN
VOUT
PVINx
ENx
PGND
BSTx
SWx
ADP5053
DLx
FBx
Figure 50. Typical Circuit with High Current Traces Shown in Gray
ADP5053
ADP5053
L3
L4
DUAL MOSFET
VOUT4
VOUT3
VOUT2
VOUT1
Figure 51. Typical PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com