Electronic Components Datasheet Search
  English  ▼

X  

ADP5050 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5050
Description  Integrated Power Solution with Quad Buck
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5050 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5050 Datasheet HTML 18Page - Analog Devices ADP5050 Datasheet HTML 19Page - Analog Devices ADP5050 Datasheet HTML 20Page - Analog Devices ADP5050 Datasheet HTML 21Page - Analog Devices ADP5050 Datasheet HTML 22Page - Analog Devices ADP5050 Datasheet HTML 23Page - Analog Devices ADP5050 Datasheet HTML 24Page - Analog Devices ADP5050 Datasheet HTML 25Page - Analog Devices ADP5050 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Data Sheet
ADP5053
Rev. B | Page 21 of 36
UNDERVOLTAGELOCKOUT (UVLO)
Undervoltage lockout circuitry monitors the input voltage levelof
each buck regulator in the ADP5053. If anyinputvoltage (PVINx
pin) falls below 3.78 V (typical), the corresponding channel is
turned off. The soft start period initiates after the input voltage
rises above 4.2 V (typical), and setting the ENx pin high enables
the corresponding channel.
Note that a UVLO condition on Channel 1 (PVIN1 pin) has
a higher priority than a UVLO condition on other channels,
which means that the PVIN1 supply must be available before
other channels become operational.
POWER-GOOD FUNCTION
The ADP5053 includes an open-drain power-good output
(PWRGD pin) that becomes active high when the selected buck
regulators are operating normally. By default, the PWRGD pin
monitors the output voltage on Channel 1. Other channels can
be configured to control the PWRGD pin when the ADP5053 is
ordered.
A logic high on the PWRGD pinindicates that theregulated output
voltage ofthe buckregulator is above 90.5% (typical) ofits nominal
output. When the regulated output voltage of the buck regulator
falls below 87.2%(typical)of its nominal output for a delaytime
greater than approximately50µs, the PWRGD pin goes low.
The output of the PWRGD pin is the logical AND of the internal
PWRGx signals. An internal PWRGx signal must be high for a
validation time of 1 ms before the PWRGD pin goes high; if one
PWRGx signal fails, the PWRGDpin goes low with no delay. The
channels that control the PWRGD pin (Channel 1 to Channel 4)
can be specified by factory fuse. The default PWRGD setting is
to monitor the output of Channel 1.
THERMAL SHUTDOWN
If the ADP5053 junction temperature exceeds 150°C,the thermal
shutdown (TSD) circuit turns off the IC except for the internal
linear regulators. Extreme junction temperatures can be the
result of high current operation,poor circuit board design, or high
ambient temperature. A 15°C hysteresis is included so that the
ADP5053 does not return to operation after thermal shutdown
until the on-chip temperature falls below 135°C. When the
device exits thermal shutdown, a soft start initiates for each
enabled channel.
SUPERVISORYCIRCUIT
The ADP5053 provides microprocessor supplyvoltage supervision
by controlling the reset input of the microprocessor. Code
execution errors are avoided duringpower-up, power-down, and
brownout conditions by asserting a reset signal when the supply
voltage is below a presetthreshold and by allowingsupplyvoltage
stabilizationwith a fixed timeoutreset pulse after the supplyvoltage
rises above the threshold.Inaddition, problems with microprocessor
code execution canbe monitored with a watchdogtimer. Note
that the supervisory circuitry activates only when one of the
ENx pins of the four buck regulators is set high.
Reset Output
The ADP5053 has an active low, open-drain reset output(RSTO).
This output requires an external pull-up resistor to connect the
reset output to a voltage rail no higher than 6 V. The resistor
must comply with the logic low and logic high voltage level
requirements of the microprocessor while also supplying input
current and leakage paths to the RSTO pin. A 10 kΩ resistor is
adequate in most situations.
The reset output asserts when the monitored rail is below the
threshold (VTH), and when WDI is not serviced within the
watchdog timeout period (tWD). The RSTO pin remains asserted
for the duration of the reset active timeout period (tRP) after VCC
rises above the reset threshold or after the watchdog timer times
out. There are four options are available for the resetactive timeout
period (tRP) via the factory fuse:1.4ms,28 ms,200 ms (default),or
1600 ms. Figure 43 illustrates the behavior of the RSTO output,
assuming that VOUT2 is selected as the rail to be monitored and it
supplies the external pull-up connected tothe RSTO output.
tRP
tRD
VOUT2
VTH
VTH
VOUT2
1V
0V
0V
VOUT2
RSTO
Figure 43. Reset Timing Diagram
The ADP5053 has a dedicated sensinginputpin (VTH) to monitor
the supply rail. The reset threshold at the VTH input is typically
0.5 V. To monitor a voltage greater than0.5 V, connecta resistor
divider network to the device.
Do not allow the VTH input to float or to be grounded. Instead,
connect the VTH input to a supply voltage greater than its
specified threshold voltage (VTH). Add a small capacitor on the
VTH pin to improve noise rejection and false reset generation.
When monitoring the input voltage, if the selected voltage falls
below the UVLO level, the reset output (RSTO) asserts low with
the delay time (tRD). The reset output is then kept low to restart
the processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com