Electronic Components Datasheet Search
  English  ▼

X  

AD7984 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7984
Description  Devices Connected
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7984 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7984 Datasheet HTML 4Page - Analog Devices AD7984 Datasheet HTML 5Page - Analog Devices AD7984 Datasheet HTML 6Page - Analog Devices AD7984 Datasheet HTML 7Page - Analog Devices AD7984 Datasheet HTML 8Page - Analog Devices AD7984 Datasheet HTML 9Page - Analog Devices AD7984 Datasheet HTML 10Page - Analog Devices AD7984 Datasheet HTML 11Page - Analog Devices AD7984 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CN-0269
Circuit Note
Rev. 0 | Page 10 of 12
Figure 19. Errors vs. Switching Rate Without Front Buffer at 16-Channel
Single-Ended, 14 V Step
Figure 20. Errors vs. Switching Rate Without Input Buffer, 8-Channel
Differential Mode, 14 V Step
Figure 21. Errors vs. Switching Rate with Input Buffer, 16-Channel
Single-Ended Mode, 14 V Step
Figure 22. Errors vs. Switching Rate with Front Buffer, 8-Channel
Differential Mode, 14 V Step
Figure 23. Errors vs. Switching Rate with Input Buffer, 8-Channel
Differential Mode, 2 V Step
From the figures above, we can see the circuit with the input
buffer has a better settling performance than the circuit without
front buffer at switching rates less than 1 MHz.
Figure 21, Figure 22, and Figure 23 show that with the input
buffer connected the circuit settles to 16 bits at channel-to-
channel switching rates up to 250 kHz.
COMMON VARIATIONS
The 18-bit AD7984 is available in a 10-lead MSOP or a 10-lead
QFN (LFCSP) package. There are a number of other PulSAR
ADCs available in the same package with 14-bit, 16-bit, and 18-
bit resolutions having various sampling rates.
Another possible choice for the buffer amplifiers is the AD8021.
If programmable gain is required, the AD8250, AD8251, and
AD8253 have 685 ns settling time to 0.001%. The ADG12xx
series of multiplexers can be used if lower capacitance is required.
80
–100
–80
–60
–40
–20
0
20
40
60
1000
0
100
200
300
400
500
600
700
800
900
SWITCHING RATE (kHz)
CH 2, 4, 6… 16 SETTLE TO –7V
CH 1, 3, 5… 15 SETTLE TO +7V
1000
0
100
200
300
400
500
600
700
800
900
30
–40
–30
–20
–10
0
10
20
SWITCHING RATE (kHz)
CH 2, 4, 6, 8 SETTLE TO –7V
CH 1, 3, 5, 7 SETTLE TO +7V
1000
0
100
200
300
400
500
600
700
800
900
SWITCHING RATE (kHz)
25
–30
–25
–20
–15
–10
–5
0
5
10
15
20
CH 2, 4, 6, ...16 SETTLE TO –7V
CH 1, 3, 5, ... 15 SETTLE TO +7V
1000
0
100
200
300
400
500
600
700
800
900
SWITCHING RATE (kHz)
25
–30
–25
–20
–15
–10
–5
0
5
10
15
20
CH 2, 4, 6, 8 SETTLE TO –7V
CH1, 3, 5, 7 SETTLE TO +7V
1000
0
100
200
300
400
500
600
700
800
900
6
–6
–4
–2
0
2
4
SWITCHING RATE (kHz)
CH 1, 3, 5, 7 SETTLE TO +1V
CH 2, 4, 6, 8 SETTLE TO –1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com