Electronic Components Datasheet Search
  English  ▼

X  

ACT8946A Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT8946A
Description  Advanced PMU for Hisilicon Processors
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8946A Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT8946A Datasheet HTML 12Page - Active-Semi, Inc ACT8946A Datasheet HTML 13Page - Active-Semi, Inc ACT8946A Datasheet HTML 14Page - Active-Semi, Inc ACT8946A Datasheet HTML 15Page - Active-Semi, Inc ACT8946A Datasheet HTML 16Page - Active-Semi, Inc ACT8946A Datasheet HTML 17Page - Active-Semi, Inc ACT8946A Datasheet HTML 18Page - Active-Semi, Inc ACT8946A Datasheet HTML 19Page - Active-Semi, Inc ACT8946A Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
ACT8946AQJ203-T
Rev 1.0, 08-Jul-16
ActivePMU and ActivePath are trademarks of Active-Semi.
-
16 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
SYSTEM CONTROL ELECTRICAL CHARACTERISTICS
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
2.7
5.5
V
UVLO Threshold Voltage
VVSYS Rising
2.2
2.45
2.65
V
UVLO Hysteresis
VVSYS Falling
200
mV
REG1, REG2, REG3, REG4, REG5,
REG6 and REG7 Enabled. (PWM Mode)
14
mA
Supply Current
REG1, REG2, REG3, REG4, REG5,
REG6 and REG7 Enabled. (PFM Mode,
VIN = 3.6V)
420
µA
Shutdown Supply Current
All Regulators Disabled
8
18
µA
Oscillator Frequency
1.8
2
2.2
MHz
Logic High Input Voltage
1.4
V
Logic Low Input Voltage
0.4
V
Leakage Current
VnIRQ = VnRSTO = 4.2V
1
µA
LBI Threshold Voltage
VBAT Falling
1.03
1.2
1.31
V
LBI Hysteresis Threshold
VBAT Rising
200
mV
Low Level Output Voltage
ISINK = 5mA
0.35
V
nRSTO Delay
64
ms
PWRHLD Pull Down Resistor
500
kΩ
Thermal Shutdown Temperature
Temperature rising
160
°C
Thermal Shutdown Hysteresis
20
°C
: PWRHLD, PWREN, VSEL are logic inputs.
: nLBO, nPBSTAT, nIRQ, nRSTO are open drain outputs.
: Typical value shown. Actual value may vary from (T-1ms) x 88% to T x 112%, where T = 64ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com