Electronic Components Datasheet Search
  English  ▼

X  

ACT8946A Datasheet(PDF) 25 Page - Active-Semi, Inc

Part # ACT8946A
Description  Advanced PMU for Hisilicon Processors
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8946A Datasheet(HTML) 25 Page - Active-Semi, Inc

Back Button ACT8946A Datasheet HTML 21Page - Active-Semi, Inc ACT8946A Datasheet HTML 22Page - Active-Semi, Inc ACT8946A Datasheet HTML 23Page - Active-Semi, Inc ACT8946A Datasheet HTML 24Page - Active-Semi, Inc ACT8946A Datasheet HTML 25Page - Active-Semi, Inc ACT8946A Datasheet HTML 26Page - Active-Semi, Inc ACT8946A Datasheet HTML 27Page - Active-Semi, Inc ACT8946A Datasheet HTML 28Page - Active-Semi, Inc ACT8946A Datasheet HTML 29Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
ACT8946AQJ203-T
Rev 1.0, 08-Jul-16
ActivePMU and ActivePath are trademarks of Active-Semi.
-
25 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
SYSTEM CONTROL INFORMATION
Interfacing with the Hi351E Processors
Table 2: ACT8946AQJ203 and Hi3518E Power Domains
POWER DOMAIN
ACT8946A CHANNEL TYPE DEFAULT VOLTAGE CURRENT CAPABILITY
V_Core_D
REG1
DC/DC
1.1V
1100mA
V_Core_A
REG2
DC/DC
1.8V
1100mA
V_DDR
REG3
DC/DC
1.8V
1100mA
V_IO
REG4
LDO
3.3V
320mA
Auxiliary 1
REG5
LDO
-
320mA
Auxiliary 2
REG6
LDO
-
320mA
Auxiliary 3
REG7
LDO
-
320mA
Control Signals
Enable Inputs
The ACT8946A features a variety of control inputs,
which are used to enable and disable outputs
depending upon the desired mode of operation.
PWRHLD is a logic input,
nIRQ Output
nIRQ is an open-drain output that asserts low any
time an interrupt is generated. Connect a 10kΩ or
greater pull-up resistor from nIRQ to an appropriate
voltage supply. nIRQ is typically used to drive the
interrupt input of the system processor.
Many of the ACT8946A's functions support
interrupt-generation
as
a
result
of
various
conditions. These are typically masked by default,
but may be unmasked via the I2C interface. For
more
information
about
the
available
fault
conditions, refer to the appropriate sections of this
datasheet.
Note that under some conditions a false interrupt
may be generated upon initial startup. For this
reason, it is recommended that the interrupt service
routine check and validate nSYSLEVMSK[-] and
nFLTMSK[-] bits before processing an interrupt
generated by these bits. These interrupts may be
validated by nSYSSTAT[-], OK[-] bits.
Figure 2: ACT8946AQJ203-T Enable/Disable Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com