Electronic Components Datasheet Search
  English  ▼

X  

HMC6301 Datasheet(PDF) 13 Page - Analog Devices

Part # HMC6301
Description  Programmable baseband gain and filter bandwidth
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6301 Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC6301 Datasheet HTML 9Page - Analog Devices HMC6301 Datasheet HTML 10Page - Analog Devices HMC6301 Datasheet HTML 11Page - Analog Devices HMC6301 Datasheet HTML 12Page - Analog Devices HMC6301 Datasheet HTML 13Page - Analog Devices HMC6301 Datasheet HTML 14Page - Analog Devices HMC6301 Datasheet HTML 15Page - Analog Devices HMC6301 Datasheet HTML 16Page - Analog Devices HMC6301 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
HMC6301
Rev. A | Page 13 of 24
TIME = 0
ENABLE
CLK
1
01234567
012
34567
8
9 10 11 12 13 14 15 16 17
DATA
SCAN OUT
LSB
MSB LSB
MSB
LSB
MSB
LSB
MSB
WRITE DATA = (xxxxxxxx)
ARRAY ADDRESS
CHIP
ADDRESS
R/W = 0
27
READ DATA
Figure 18. Timing Diagram for Reading a Row of the Receiver Serial Interface
RECEIVER REGISTER ARRAY ASSIGNMENTS
All register arrays are read/write, unless otherwise noted.
Table 6. Receiver Register Array Assignments
Register Array
Row, Bit
Internal Signal Name
Signal Function
ROW0
ROW0, Bit 7
lna_pwrdwn
Active high to power down the LNA.
ROW0, Bit 6
bbamp_pwrdn_i
Active high to power down the baseband I channel.
ROW0, Bit 5
bbamp_pwrdn_q
Active high to power down the baseband Q channel.
ROW0, Bit 4
divider_pwrdn
Active high to power down the LO divider.
ROW0, Bit 3
mixer_pwrdn
Active high to power down the RF mixer.
ROW0, Bit 2
ifmixer_pwrdn/ifmixer_pwrd
n_i
Active high to power down the I channel IF mixer.
ROW0, Bit 1
tripler_pwrdn
Active high to power down the LO tripler.
ROW0, Bit 0
ifvga_pwrdn
Active high to power down the IF VGA.
ROW1
ROW1, Bit 7
ipc_pwrdwn
Active high to power down on-chip current reference generator.
ROW1, Bit 6
ifmix_pwrdn_q
Active high to power down the Q channel IF mixer.
ROW1, Bit 5
if_bgmux_pwrdn
Active high to power down one of the three on-chip band gap references (IF) and
associated mux.
ROW1, Bit 4
ask_pwrdn
Active high to power down the ASK demodulator.
ROW1, Bit 3
bbamp_atten1_0
Controls first baseband attenuator; ROW1, Bits[2:3].
11 is 18 dB attenuation.
10 is 12 dB attenuation.
01 is 6 dB attenuation.
00 is 0 dB attenuation.
ROW1, Bit 2
bbamp_atten1_1
ROW1, Bit 1
bbamp_sell_ask
Active high to multiplex the AM detector output into the I channel baseband amplifier
input.
ROW1, Bit 0
bbamp_sigshort
Active high to short the input to the I and Q channel baseband amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com