Electronic Components Datasheet Search
  English  ▼

X  

HMC6301 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC6301
Description  Programmable baseband gain and filter bandwidth
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6301 Datasheet(HTML) 3 Page - Analog Devices

  HMC6301 Datasheet HTML 1Page - Analog Devices HMC6301 Datasheet HTML 2Page - Analog Devices HMC6301 Datasheet HTML 3Page - Analog Devices HMC6301 Datasheet HTML 4Page - Analog Devices HMC6301 Datasheet HTML 5Page - Analog Devices HMC6301 Datasheet HTML 6Page - Analog Devices HMC6301 Datasheet HTML 7Page - Analog Devices HMC6301 Datasheet HTML 8Page - Analog Devices HMC6301 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
HMC6301
Rev. A | Page 3 of 24
SPECIFICATIONS
TA = 25°C, reference frequency = 71.4286 MHz, gain settings = maximum, IF bandwidth = maximum, input impedance = 50 Ω single
ended, output impedance = 100 Ω differential, unless otherwise noted.
ELECTRICAL SPECIFICATIONS
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
57
64
GHz
FREQUENCY STEP SIZE
With 71.4286 MHz reference clock
250
MHz
With 142.857 MHz reference clock
500
MHz
With 154.2857 MHz reference clock
540
MHz
MODULATION BANDWIDTH
Maximum bandwidth setting
3 dB bandwidth
1.4
GHz
5 dB bandwidth
1.8
GHz
GAIN
Maximum Receiver Gain
63
69
dB
Minimum Receiver Gain
0
dB
Baseband Gain Control
High and low gain settings
41
dB
IF Gain Control (Analog/Digital)
12/15
dB
LNA Gain Control (Analog/Digital)
20/20
dB
NOISE FIGURE
At maximum gain
8
13.5
dB
INPUT
Minimum LNA gain
For 1 dB Compression (P1dB)
−19
dBm
Third-Order Intercept (IP3)
−9
dBm
TEMPERATURE SENSOR RANGE
Four levels
−40
+85
°C
SUPPRESSION AND REJECTION
Image Rejection (3 × LO − IF)
>35
dBc
Sideband Suppression (I/Q Balance)
20
23
dBc
PHASE
Phase Noise
@ 100 kHz Offset
−75
dBc/Hz
@1 MHz Offset
−93
dBc/Hz
@ 10 MHz Offset
−114
dBc/Hz
@ 100 MHz Offset
−122
dBc/Hz
Phase-Locked Loop (PLL) Bandwidth
Using internal filter
300
kHz
POWER DISSIPATION
Single-Ended
0.82
W
External LO
0.57
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com