Electronic Components Datasheet Search
  English  ▼

X  

HMC6301 Datasheet(PDF) 16 Page - Analog Devices

Part # HMC6301
Description  Programmable baseband gain and filter bandwidth
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6301 Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC6301 Datasheet HTML 12Page - Analog Devices HMC6301 Datasheet HTML 13Page - Analog Devices HMC6301 Datasheet HTML 14Page - Analog Devices HMC6301 Datasheet HTML 15Page - Analog Devices HMC6301 Datasheet HTML 16Page - Analog Devices HMC6301 Datasheet HTML 17Page - Analog Devices HMC6301 Datasheet HTML 18Page - Analog Devices HMC6301 Datasheet HTML 19Page - Analog Devices HMC6301 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
HMC6301
Data Sheet
Rev. A | Page 16 of 24
Register Array
Row, Bit
Internal Signal Name
Signal Function
ROW16
ROW16, Bit 7
byp_synth_LDO
Factory diagnostics, 0 for normal operation.
ROW16, Bit 6
en_cpShort
Factory diagnostics, 0 for normal operation.
ROW16, Bit 5
en_cpCMFB
Enables CMFB circuit for charge pump, set to 1 when synthesizer is in use.
ROW16, Bit 4
en_cp_dump
Enables auxiliary circuit for charge pump, set to 1 when synthesizer is in use.
ROW16, Bit 3
en_cpTRIST
Factory diagnostics, 0 for normal operation.
ROW16, Bit 2
en_cp
Enables charge pump, set to 1 when synthesizer is in use.
ROW16, Bit 1
en_synth_LDO
Enables LDO for synthesizer, set to 1 when synthesizer is in use.
ROW16, Bit 0
enbar_synthBG
Factory diagnostics, 0 for normal operation.
ROW17
ROW17, Bit 7
en_lockd_clk
Enables lock detector for synthesizer, set to 1 when synthesizer is in use.
ROW17, Bit 6
en_test_divOut
Factory diagnostics, 0 for normal operation.
ROW17, Bit 5
en_vtune_flash
Enables flash ADCs for VCO vtune port, set to 1 when synthesizer is in use.
ROW17, Bit 4
en_reBuf_DC
Enables dc coupling for reference clock buffer.
ROW17, Bit 3
en_refBuf
Enables reference clock buffer, set to 1 when synthesizer is in use.
ROW17, Bit 2
en_stick_div
Factory diagnostics, 0 for normal operation.
ROW17, Bit 1
en_FBDiv_cml2cmos
Enables auxiliary circuit for the feedback divider chain, set to 1 when synthesizer is in use.
ROW17, Bit 0
en_FBDiv
Enables feedback divider chain, set to 1 when synthesizer is in use.
ROW18
ROW18, Bit 7
Not used.
Not used.
ROW18, Bit 6
en_nb250m
Active high to enable 250 MHz channel step size.
ROW18, Bit 5
byp_vco_LDO
Factory diagnostics, 0 for normal operation.
ROW18, Bit 4
en_extLO
Enables external LO, set to 0 when synthesizer is in use.
ROW18, Bit 3
en_vcoPk
Factory diagnostics, 0 for normal operation.
ROW18, Bit 2
en_vco
Enables internal VCO, set to 1 when synthesizer is in use.
ROW18, Bit 1
en_vco_reg
Enables internal regulator for VCO, set to 1 when synthesizer is in use.
ROW18, Bit 0
enbar_vcoGB
Factory diagnostics, 0 for normal operation.
ROW19
ROW19, Bit 7
Not used
Not used.
ROW19, Bit 6
Not used
Not used.
ROW19, Bit 5
Not used
Not used.
ROW19, Bit 4
Not used
Not used.
ROW19, Bit 3
Not used
Not used.
ROW19, Bit 2
Not used
Not used.
ROW19, Bit 1
refsel_synthBG
Factory diagnostics, 1 for normal operation.
ROW19, Bit 0
muxRef
Factory diagnostics, 0 for normal operation.
ROW20
ROW20, Bit 7
Not used
Not used.
ROW20, Bit 6
Fbdiv_code<6>
Feedback divider ratio for the integer-N internal synthesizer based on Table 7, Table 8,
and Table 9.
ROW20, Bit 5
Fbdiv_code<5>
ROW20, Bit 4
Fbdiv_code<4>
ROW20, Bit 3
Fbdiv_code<3>
ROW20, Bit 2
Fbdiv_code<2>
ROW20, Bit 1
Fbdiv_code<1>
ROW20, Bit 0
Fbdiv_code<0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com