Electronic Components Datasheet Search
  English  ▼

X  

F1977 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # F1977
Description  Digital Step Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1977 Datasheet(HTML) 2 Page - Integrated Device Technology

  F1977 Datasheet HTML 1Page - Integrated Device Technology F1977 Datasheet HTML 2Page - Integrated Device Technology F1977 Datasheet HTML 3Page - Integrated Device Technology F1977 Datasheet HTML 4Page - Integrated Device Technology F1977 Datasheet HTML 5Page - Integrated Device Technology F1977 Datasheet HTML 6Page - Integrated Device Technology F1977 Datasheet HTML 7Page - Integrated Device Technology F1977 Datasheet HTML 8Page - Integrated Device Technology F1977 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
F1977
7-Bit, 75 Ω
Ω
Ω
Ω, Digital Step Attenuator
2
Rev 1, 04/21/2016
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
VDD to GND
VDD
-0.3
+5.5
V
D[6:0], DATA, CLK, LE, A0, A1, A2, VMODE
VCNTL
-0.3
Minimum
(VDD + 0.3, 3.9)
V
DC Voltage RF1, RF2
VRF
-0.3
+0.3
V
Maximum Input Power applied
to RF1 or RF2 (>100 MHz)
PRF
+34
dBm
Maximum Junction Temperature
TJmax
+150
°C
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10 s)
TLEAD
+260
°C
Electrostatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
1000
(Class 1C)
V
ESD Voltage – CDM
(Per JESD22-C101F)
VESDCDM
500
(Class C2)
V
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
This product features proprietary protection circuitry. However, it may be damaged if subjected to high energy ESD.
Please use proper ESD precautions when handling to avoid damage or loss of performance.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
θJA (Junction – Ambient)
40 °C/W
θJC (Junction – Case) [The Case is defined as the exposed paddle]
4 °C/W
Moisture Sensitivity Rating (Per J-STD-02
MSL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com