Electronic Components Datasheet Search
  English  ▼

X  

F1977 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # F1977
Description  Digital Step Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1977 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button F1977 Datasheet HTML 13Page - Integrated Device Technology F1977 Datasheet HTML 14Page - Integrated Device Technology F1977 Datasheet HTML 15Page - Integrated Device Technology F1977 Datasheet HTML 16Page - Integrated Device Technology F1977 Datasheet HTML 17Page - Integrated Device Technology F1977 Datasheet HTML 18Page - Integrated Device Technology F1977 Datasheet HTML 19Page - Integrated Device Technology F1977 Datasheet HTML 20Page - Integrated Device Technology F1977 Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
F1977
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138 USA
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.idt.com
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion.
Performance specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer
products. The information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for
any particular purpose, an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any
license under intellectual property rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can
be reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are
the property of IDT or their respective third party owners.
Copyright ©2016 Integrated Device Technology, Inc.. All rights reserved.
Rev 1, 04/21/2016
21
7-Bit, 75 Ω
Ω
Ω
Ω, Digital Step Attenuator
REVISION HISTORY SHEET
Rev
Date
Page
Description of Change
O
2016-Feb-19
Initial Release
1
2016-Apr-21
2
Typo on VHBM rating. Voltage changed from 1.5kV to 1kV. No chng. to Class



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com