Electronic Components Datasheet Search
  English  ▼

X  

F1977 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # F1977
Description  Digital Step Attenuator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1977 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button F1977 Datasheet HTML 9Page - Integrated Device Technology F1977 Datasheet HTML 10Page - Integrated Device Technology F1977 Datasheet HTML 11Page - Integrated Device Technology F1977 Datasheet HTML 12Page - Integrated Device Technology F1977 Datasheet HTML 13Page - Integrated Device Technology F1977 Datasheet HTML 14Page - Integrated Device Technology F1977 Datasheet HTML 15Page - Integrated Device Technology F1977 Datasheet HTML 16Page - Integrated Device Technology F1977 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
F1977
Rev 1, 04/21/2016
13
7-Bit, 75 Ω
Ω
Ω
Ω, Digital Step Attenuator
TYPICAL OPERATING CONDITIONS (- 3 -)
Input Compression at 50 MHz
Input Compression 1.0 GHz
Input Compression 2.0 GHz
Input Compression 500 MHz
Input Compression 1.5 GHz
Input IP3
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
16
18
20
22
24
26
28
30
32
34
Input Power (dBm)
0.00 dB
1.00 dB
2.00 dB
4.00 dB
Measured in a 50 ohm system
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
16
18
20
22
24
26
28
30
32
34
Input Power (dBm)
0.00 dB
1.00 dB
2.00 dB
4.00 dB
Measured in a 50 ohm system
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
16
18
20
22
24
26
28
30
32
34
Input Power (dBm)
0.00 dB
1.00 dB
2.00 dB
4.00 dB
Measured in a 50 ohm system
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
16
18
20
22
24
26
28
30
32
34
Input Power (dBm)
0.00 dB
1.00 dB
2.00 dB
4.00 dB
Measured in a 50 ohm system
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
16
18
20
22
24
26
28
30
32
34
Input Power (dBm)
0.00 dB
1.00 dB
2.00 dB
4.00 dB
Measured in a 50 ohm system
40
45
50
55
60
65
70
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Frequency (GHz)
0.00 dB
0.50 dB
1.00 dB
2.00 dB
4.00 dB
6.00 dB
12.00 dB
18.00 dB
24.00 dB
31.50 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com