Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8 Channel Digital Audio PWM Processor
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 39Page - Texas Instruments TAS5508 Datasheet HTML 40Page - Texas Instruments TAS5508 Datasheet HTML 41Page - Texas Instruments TAS5508 Datasheet HTML 42Page - Texas Instruments TAS5508 Datasheet HTML 43Page - Texas Instruments TAS5508 Datasheet HTML 44Page - Texas Instruments TAS5508 Datasheet HTML 45Page - Texas Instruments TAS5508 Datasheet HTML 46Page - Texas Instruments TAS5508 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 101 page
background image
TAS5508 Controls and Status
35
SLES091B — February 2004 - Revised June 2004
TAS5508
CONTROL
SETTING
Bass filter sets
Filter Set 3
Loudness (5508)
Loudness disabled, default values
AM interference enable
Disabled
AM interference IF
455
AM interference select sequence
1
Tuned freq and mode
0000 , BCD
Subwoofer PSVC control
Enabled
PSVC and PSVC range
Disabled / 0 dB
After the initialization time, the TAS5508 starts the transition to the operational state with the Master volume
set at mute.
Since the TAS5508 has an external crystal time base, following the release of RESET, the TAS5508 sets the
MCLK and data rates and perform the initialization sequences. The PWM outputs are held at a mute state until
the master volume is set to a value other than mute via I2C.
2.2.2 Power Down (PDN)
TheTAS5508 can be placed into the power down mode by holding the PDN terminal low. When power down
mode is entered, both the PLL and the oscillator are shut down. Volume is immediately set to full attenuation
(there is no ramp down). This control uses the PWM mute sequence that provides a low click and pop transition
to the hard mute state (M). A detailed description of the PWM mute sequence is contained in the PWM section.
Power down is an asynchronous operation that does not require MCLK to go into the power down state. To
initiate the power-up sequence requires MCLK to be operational and the TAS5508 to receive 5 MCLKs prior
to the release of PDN.
As long as the PDN terminal is held low the device is in the power down state with the PWM outputs in a hard
mute (M) state. During power down, all I2C and serial data bus operations are ignored. Table 2 - 3 shows the
device output signals while PDN is active.
Table 2 - 3. Device Outputs During Power Down
SIGNAL
SIGNAL STATE
Valid
Low
PWM P-outputs
M-state = low
PWM M-outputs
M-state = low
SDA
Signal input
PSVC
M-state = low
Following the application of PDN, the TAS5508 does not perform a quiet shutdown to prevent clicks and pops
produced during the application (the leading edge) of this command. The application of PDN immediately
performs a PWM stop. A quiet stop sequence can be performed by first applying MUTE before PDN.
When PDN is released, the system goes to the end state specified by MUTE and BKND_ERR pins and the
I2C register settings.
The crystal time base allows the TAS5508 to determine the CLK rates. Once these rates are determined, the
TAS5508 unmutes the audio.
2.2.3 Backend Error (BKND_ERR)
Backend error is used to provide error management for backend error conditions. Backend error is a level
sensitive signal. Backend error can be initiated by bringing the BKND_ERR terminal low for a minimum 5
MCLK cycles. When BKND_ERR is brought low, the PWM sets either six or eight channels into the PWM
backend error state. This state is described in the PWM section. Once the backend error sequence is initiated,
a delay of 5 ms is performed before the system starts the output re - initialization sequence. After the
initialization time, the TAS5508 begins normal operation. Backend error does not affect other PWM modulator
operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com