Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8 Channel Digital Audio PWM Processor
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 73Page - Texas Instruments TAS5508 Datasheet HTML 74Page - Texas Instruments TAS5508 Datasheet HTML 75Page - Texas Instruments TAS5508 Datasheet HTML 76Page - Texas Instruments TAS5508 Datasheet HTML 77Page - Texas Instruments TAS5508 Datasheet HTML 78Page - Texas Instruments TAS5508 Datasheet HTML 79Page - Texas Instruments TAS5508 Datasheet HTML 80Page - Texas Instruments TAS5508 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 101 page
background image
Serial Control Interface Register Definitions
69
SLES091B — February 2004 - Revised June 2004
TAS5508
6.11 Automute PWM Threshold and Backend Reset Period (0x15)
Table 6 - 11. Automute PWM Threshold and Backend Reset Period
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
-
-
-
-
Set PWM automute threshold equals input automute threshold
0
0
0
1
-
-
-
-
Set PWM automute threshold 1 bit more than input automute threshold
0
0
1
0
-
-
-
-
Set PWM automute threshold 2 bits more than input automute threshold
0
0
1
1
-
-
-
-
Set PWM automute threshold 3 bits more than input automute threshold
0
1
0
0
-
-
-
-
Set PWM automute threshold 4 bits more than input automute threshold
0
1
0
1
-
-
-
-
Set PWM automute threshold 5 bits more than input automute threshold
0
1
1
0
-
-
-
-
Set PWM automute threshold 6 bits more than input automute threshold
0
1
1
1
-
-
-
-
Set PWM automute threshold 7 bits more than input automute threshold
1
0
0
0
-
-
-
-
Set PWM automute threshold equals input automute threshold
1
0
0
1
-
-
-
-
Set PWM automute threshold 1 bit less than input automute threshold
1
0
1
0
-
-
-
-
Set PWM automute threshold 2 bits less than input automute threshold
1
0
1
1
-
-
-
-
Set PWM automute threshold 3 bits less than input automute threshold
1
1
0
0
-
-
-
-
Set PWM automute threshold 4 bits less than input automute threshold
1
1
0
1
Set PWM automute threshold 5 bits less than input automute threshold
1
1
1
0
Set PWM automute threshold 6 bits less than input automute threshold
1
1
1
1
Set PWM automute threshold 7 bits less than input automute threshold
-
-
-
-
0
0
0
0
Set backend reset period < 1 ms
-
-
-
-
0
0
0
1
Set backend reset period 1 ms
-
-
-
-
0
0
1
0
Set backend reset period 2 ms
-
-
-
-
0
0
1
1
Set backend reset period 3 ms
-
-
-
-
0
1
0
0
Set backend reset period 4 ms
-
-
-
-
0
1
0
1
Set backend reset period 5 ms
-
-
-
-
0
1
1
0
Set backend reset period 6 ms
-
-
-
-
0
1
1
1
Set backend reset period 7 ms
-
-
-
-
1
0
0
0
Set backend reset period 8 ms
-
-
-
-
1
0
0
1
Set backend reset period 9 ms
-
-
-
-
1
0
1
0
Set backend reset period 10 ms
-
-
-
-
1
0
1
1
Set backend reset period 10 ms
-
-
-
-
1
1
X
X
Set backend reset period 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com