Electronic Components Datasheet Search
  English  ▼

X  

TAS5508 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5508
Description  8 Channel Digital Audio PWM Processor
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5508 Datasheet HTML 45Page - Texas Instruments TAS5508 Datasheet HTML 46Page - Texas Instruments TAS5508 Datasheet HTML 47Page - Texas Instruments TAS5508 Datasheet HTML 48Page - Texas Instruments TAS5508 Datasheet HTML 49Page - Texas Instruments TAS5508 Datasheet HTML 50Page - Texas Instruments TAS5508 Datasheet HTML 51Page - Texas Instruments TAS5508 Datasheet HTML 52Page - Texas Instruments TAS5508 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
TAS5508 Controls and Status
41
SLES091B — February 2004 - Revised June 2004
TAS5508
2.3.8 Inter-channel Delay
An 8-bit value can be programmed to each of the eight PWM inter-channel delay registers to add a delay per
channel from 0 to 255 clock cycles. The delays correspond to cycles of the high-speed internal clock, DCLK.
The default values are shown in Table 2 - 9.
Table 2 - 9. Inter-Channel Delay Default Values
I2C SUB-ADDRESS
CHANNEL
INTER-CHANNEL DELAY DEFAULT (DCLK PERIODS)
0x1B
1
-24
0x1C
2
0
0x1D
3
-16
0x1E
4
+16
0x1F
5
-24
0x20
6
+8
0x21
7
-8
0x22
8
+24
This delay is generated in the PWM and can be changed at any time through the serial control interface I2C
registers 0x1B – 0x22. The absolute offset for channel 1 is set in I2C sub-address 0x23.
NOTE:If used correctly, setting the PWM channel delay can optimize the performance of a
pure path digital amplifier system. The setting is based upon the type of backend power device
that is used and the layout. These values are set during initialization using the I2C serial
interface. Unless otherwise noted, use the default values given in Table 2 - 9.
2.4
Master Clock and Serial Data Rate Controls
The TAS5508 function only as a receiver of the MCLK (master clock), SCLK (shift clock), and LRCLK (left/right
clock) signals that controls the flow of data on the four serial data interfaces. The 13.5-MHz external crystal
allows the TAS5508 to automatically detect MCLK and the data rate.
The MCLK frequency can be 64 x Fs, 128 x Fs, 196 x Fs, 256 x Fs, 384 x Fs, 512 x Fs, or 768 x Fs.
The TAS5508 operates with the serial data interface signals LRCLK and SCLK synchronized to MCLK.
However, there is no constraint as to the phase relationship of these signals. The TAS5508 accepts a 64 x
Fs SCLK rate and a 1 x Fs LRCLK.
If the phase of SCLK or LRCLK drifts more than
±10 MCLK cycles since the last RESET, the TAS5508 performs
a clock error and resynchronize the clock timing.
The clock and serial data interface have several control parameters:
•
MCLK Ratio 64 Fs, 128 Fs, 196 Fs, 256 Fs, 384 Fs, 512 Fs, or 768 Fs) - I2C parameter
•
Data Rate 32, 38, 44.1,48, 88.2, 96, 176.4, 192 kHz - I2C parameter
•
AM Mode Enable / Disable - I2C parameter
During AM interference avoidance, the clock control circuitry utilizes three other configuration inputs:
•
Tuned AM Frequency (for AM interference avoidance) (550 - 1750 kHz) - I2C parameter
•
Frequency Set Select (1 - 4) - I2C parameter
•
Sample Rate - I2C parameter or auto detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com