Electronic Components Datasheet Search
  English  ▼

X  

UPC2747 Datasheet(PDF) 3 Page - NEC

Part # UPC2747
Description  3 V, 900 MHz Si MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2747 Datasheet(HTML) 3 Page - NEC

  UPC2747 Datasheet HTML 1Page - NEC UPC2747 Datasheet HTML 2Page - NEC UPC2747 Datasheet HTML 3Page - NEC UPC2747 Datasheet HTML 4Page - NEC UPC2747 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UPC2747T
TYPICAL PERFORMANCE CURVES (TA = 25°C, unless otherwise specified)
0.3
0.6
0.9 1.2
1.5
1.8
2.1
2.4 2.7 3.0
0
10
20
30
40
50
RLout (VCC = 3.0 V)
RLout (VCC = 1.8 V)
RLin (VCC = 1.8 V)
RLin (VCC = 3.0 V)
0.01 0.3 0.6
0.9
1.2 1.5
1.8
2.1
2.4 2.7 3.0
0
10
20
30
40
50
1.8 V
VCC = 3.0 V
Frequency, f (GHZ)
Frequency, f (GHZ)
-8.0
-10.0
-12.0
0
1000
2000
P1dB
PSAT
VCC = 3.0 V
ICC = 5 mA
Psat
P1dB
0
1000
2000
-16
-18
-20
VCC = 1.8 V
VCC = 1.8 V
ICC = 3 mA
POWER vs. FREQUENCY
POWER vs. FREQUENCY
RETURN LOSS vs. FREQUENCY
ISOLATION vs. FREQUENCY
Frequency, f (MHz)
Frequency, f (MHz)
OUTPUT POWER vs. INPUT POWER
AND VOLTAGE
OUTPUT POWER vs. INPUT POWER
AND TEMPERATURE
Input Power PIN (dBm)
Input Power PIN (dBm)
-40
-30
-20
-10
0
0
-10
-20
-30
VCC = 3.0 V
f = 900 MHZ
TA = +85˚ C
+25˚ C
-40˚ C
-85˚ C
+25˚ C
-40˚ C
-40
-30
-20
-10
0
0
-10
-20
-30
f = 900 MHZ
VCC = 3.3 V
3.0 V
2.7 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com