Electronic Components Datasheet Search
  English  ▼

X  

UPC2747 Datasheet(PDF) 2 Page - NEC

Part # UPC2747
Description  3 V, 900 MHz Si MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2747 Datasheet(HTML) 2 Page - NEC

  UPC2747 Datasheet HTML 1Page - NEC UPC2747 Datasheet HTML 2Page - NEC UPC2747 Datasheet HTML 3Page - NEC UPC2747 Datasheet HTML 4Page - NEC UPC2747 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UPC2747T
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
4.0
ICC
Total Supply Current
mA
15
PIN
Input Power
dBm
0
PT
Total Power Dissipation2
mW
280
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB (TA = 85
°C).
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VCC
Supply Voltage
V
1.8
3
3.3
TOP
Operating Temperature
°C
-40
25
85
RECOMMENDED OPERATING CONDITIONS
VCC
50
Ω
OUT
1000 pF
IN
50
Ω
1000 pF
1000 pF
6
1
4
2, 3, 5
TEST CIRCUIT
0
1
2
3
4
10
8
6
4
2
0
-60 -40
-20
0
20
40
60
80
100
10
8
6
4
2
0
VCC = 3.0 V
1.8 V
Frequency, f (MHz)
Frequency, f (MHz)
0
1000
2000
14
12
10
8
-40˚C
+25˚C
+85˚C
Operating Temperature TOP (
°C)
Supply Voltage, VCC (V)
CURRENT vs. VOLTAGE
TYPICAL PERFORMANCE CURVES (TA = 25°C)
CURRENT vs. OPERATING
TEMPERATURE
GAIN vs. FREQUENCY
AND TEMPERATURE
GAIN AND NOISE FIGURE
vs. FREQUENCY
0.01
0.3 0.6 0.9
1.2
1.5 1.8
2.1 2.4
2.7 3.0
15
10
5
0
-5
VCC = 3.3 V
3.0 V
2.7 V
1.8 V
5
4
3
2
VCC = 3.3 V
3.0 V
2.7 V
VCC = 3.0 V
ICC = 5 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com