Electronic Components Datasheet Search
  English  ▼

X  

UPC2747 Datasheet(PDF) 1 Page - NEC

Part # UPC2747
Description  3 V, 900 MHz Si MMIC AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2747 Datasheet(HTML) 1 Page - NEC

  UPC2747 Datasheet HTML 1Page - NEC UPC2747 Datasheet HTML 2Page - NEC UPC2747 Datasheet HTML 3Page - NEC UPC2747 Datasheet HTML 4Page - NEC UPC2747 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• LOW VOLTAGE - LOW CURRENT: 5 mA at 3 V
• LOW POWER CONSUMPTION: 15 mW TYP
• SUPER SMALL PACKAGE
• TAPE AND REEL PACKAGING OPTION AVAILABLE
FEATURES
DESCRIPTION
UPC2747T
The UPC2747T is a Silicon Monolithic integrated circuit which
is manufactured using the NESAT III process. The NESAT III
process produces transistors with fT approaching 20 GHz.
This amplifier was designed for 900 MHz receivers in cellular
and cordless telephone applications. Operating on a 3 volt
supply (1.8 volt minimum) this IC is ideally suited for hand-
held, portable designs.
NEC's stringent quality assurance and test procedures en-
sure the highest reliability and performance.
NOISE FIGURE AND
GAIN vs. FREQUENCY
VCC = 3.0 V, ICC = 5 mA
PART NUMBER
UPC2747T
PACKAGE OUTLINE
TO6
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Circuit Current (no signal)
VCC = 3.0 V
mA
3.8
5.0
7.0
VCC = 1.8 V
mA
3.0
GS
Small Signal Gain,
f = 900 MHz, VCC = 3.0 V
dB
9
12
14
f = 900 MHz, VCC = 1.8 V
dB
5.5
fU1
Upper Limit Operating Frequency, VCC = 3.0 V
GHz
1.5
1.8
VCC = 1.8 V
GHz
1.8
PSAT
Saturated Output Power,
f = 900 MHz, , VCC = 3.0 V
dBm
-9.5
-7
f = 900 MHz, VCC = 1.8 V
dBm
-14
NF
Noise Figure,
f = 900 MHz, VCC = 3.0 V
dB
3.3
4.5
f = 900 MHz, VCC = 1.8 V
dB
5.2
RLIN
Input Return Loss,
f = 900 MHz, VCC = 3.0 V
dB
11
14
f = 900 MHz, VCC = 1.8 V
dB
11
RLOUT
Output Return Loss,
f = 900 MHz, VCC = 3.0 V
dB
7
10
f = 900 mHz, VCC = 1.8 V
dB
13
ISOL
Isolation,
f = 900 MHz, VCC = 3.0 V
dB
35
40
f = 900 MHz, VCC = 1.8 V
dB
34
OIP3
SSB Output Third Order Intercept
, f1 = 500 MHz, f2 = 510 MHz, VCC = 3.0 V
dBm
-3
f1 = 900 MHz, f2 = 902 MHz, VCC = 3.0 V
dBm
-3
f1 = 1000 MHz, f2 = 1010 MHz, VCC = 3.0 V
dBm
-2
f1 = 900 MHz, f2 = 902 MHz, VCC = 1.8 V
dBm
-10
RTH (J-A)
Thermal Resistance (Junction to Ambient)
Free Air
°C/W
620
Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB
°C/W
230
ELECTRICAL CHARACTERISTICS (TA = 25°C, ZL = ZS = 50 Ω)
Frequency, f (MHz)
0
1000
2000
GS
NF
14
12
10
8
4.5
4.0
3.5
3.0
3 V, 900 MHz
Si MMIC AMPLIFIER
Note:
1.The gain at fU is 3 dB down from the gain at 100 MHz.
California Eastern Laboratories


Similar Part No. - UPC2747

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2747T CEL-UPC2747T Datasheet
2Mb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2747TB NEC-UPC2747TB Datasheet
119Kb / 20P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
logo
California Eastern Labs
UPC2747TB CEL-UPC2747TB Datasheet
240Kb / 9P
3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
UPC2747TB CEL-UPC2747TB Datasheet
1Mb / 17P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB CEL-UPC2747TB Datasheet
2Mb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
More results

Similar Description - UPC2747

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2749T NEC-UPC2749T Datasheet
99Kb / 4P
3 V, 1900 MHz LOW NOISE SI MMIC AMPLIFIER
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
UPC2746T-E3 NEC-UPC2746T-E3 Datasheet
121Kb / 5P
3 V, 1500 MHz Si MMIC WIDEBAND AMPLIFIER
UPC2748T NEC-UPC2748T Datasheet
49Kb / 5P
3 V, 900 MHz LOW NOISE SI MMIC AMPLIFIER
UPC2762T NEC-UPC2762T Datasheet
144Kb / 6P
3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
logo
California Eastern Labs
UPC2762TB CEL-UPC2762TB Datasheet
181Kb / 7P
3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
UPC2763TB CEL-UPC2763TB Datasheet
183Kb / 7P
3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
UPC2747TB CEL-UPC2747TB Datasheet
240Kb / 9P
3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
logo
Adels-Contact
175003 ADELS-175003 Datasheet
120Kb / 2P
900 SI/ 3
175103 ADELS-175103 Datasheet
120Kb / 2P
900 SI/ 3 DS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com