Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014EAC Datasheet(PDF) 45 Page - Integrated Device Technology

Part # ZSC31014EAC
Description  Digital Output Sensor Signal Conditioner
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31014EAC Datasheet(HTML) 45 Page - Integrated Device Technology

Back Button ZSC31014EAC Datasheet HTML 41Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 42Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 43Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 44Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 45Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 46Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 47Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 48Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 49Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
45
January 20, 2016
Step 1 – Assigning Unique Identification
Assigning a unique identification number is as simple as using the EEPROM WRITE command (see section 3.5)
to write the identification number to Cust_ID0 (EEPROM word 00HEX), Cust_ID1 (EEPROM word 0EHEX), and
Cust_ID2 (EEPROM word 13HEX); see section 3.6). These three 16-bit registers allow for more than 280 trillion
unique devices.
Important: Record the value of the Y coordinate for the die’s wafer location, which is stored as the default value
in bits [7:0] in register 0EHEX (see definition of ss on page 41), before overwriting with the user’s Customer ID
word 1 in case the value is needed for customer support.
Step 2 – Data Collection
The number of unique points (pressure and/ or temperature) at which calibration must be performed depends on
the requirements of the application and the behavior of the resistive bridge in use. The minimum number of points
required is equal to the number of bridge coefficients to be corrected. The available calibration methods and the
required number of points for each are listed below:
1.
2-point calibration can be used if only a gain and offset term are needed for a bridge with no temperature
compensation for either term.
2.
3-point calibration would be used to obtain 1
st order compensation for either a Tco or Tcg term but not
both.
3.
3-point calibration could also be used to obtain 2
nd order correction for the bridge (SOT_bridge) but no
temperature compensation of the bridge output.
4.
4-point calibration would be used to obtain 1
st order compensation for both Tco and Tcg.
5.
4-point calibration could also be used to obtain 1
st order compensation for either Tco or Tcg (but not both)
and a 2
nd order correction for the bridge measurement.
6.
5-point calibration could be used to obtain both 1
st order Tco correction and 1st order Tcg correction, plus
a 2
nd order correction that could be applied to one and only one of the following: 2nd order Tco (SOT_tco);
2
nd order Tcg (SOT_tcg); or 2nd order bridge.
7.
There are many options for a 6-point calibration; however, the most likely would be for both 1
st and 2nd
order correction of Tco and Tcg.
8.
7-point calibration would have all three 2
nd order terms applied: SOT_tco, SOT_tcg, and SOT_bridge.
Step 3 – Coefficient Calculations
The math to perform the coefficient calculation is complicated and will not be discussed in detail. There is a rough
overview in section 3.8. IDT provides software (DLLs) to perform the coefficient calculation. After the coefficients
are calculated, the final step is to write them to the EEPROM of the ZSC31014.
3.8. Calibration Math
IDT can provide software and hardware with samples to perform the calibration. For a complete description and
detailed examples, see ZSC31014_SSC_Evaluation_Kit_Description_Rev_X.xy.pdf. For more details on the
following equations, refer to ZSC31014 Technical Note—Detailed Equations for ZSC31014 Math (available on
request).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com