Electronic Components Datasheet Search
  English  ▼

X  

ZSC31014EAC Datasheet(PDF) 53 Page - Integrated Device Technology

Part # ZSC31014EAC
Description  Digital Output Sensor Signal Conditioner
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31014EAC Datasheet(HTML) 53 Page - Integrated Device Technology

Back Button ZSC31014EAC Datasheet HTML 49Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 50Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 51Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 52Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 53Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 54Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 55Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 56Page - Integrated Device Technology ZSC31014EAC Datasheet HTML 57Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
ZSC31014 Datasheet
© 2016 Integrated Device Technology, Inc.
53
January 20, 2016
5 ESD/Latch-Up-Protection
All pins have an ESD protection of >4000V and a latch-up protection of
±100mA or (up to +8V / down to –4V)
relative to VSS/VSSA. ESD protection referenced to the Human Body Model is tested with devices in SOP-8
packages during product qualification. The ESD test follows the Human Body Model with 1.5kOhm/100pF based
on MIL 883, Method 3015.7.
6 Pin Configuration and Package
The standard package of the ZSC31014 is SOP-8 (3.81mm body (150mil) wide) with lead-pitch 1.27mm (50mil).
See the notes in Table 6.2 regarding connection requirements.
Table 6.1
Storage and Soldering Conditions for the SOP-8 Package
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Maximum Storage Temperature
Tmax_storage
Less than 10hrs, before
mounting
150
°C
Minimum Storage Temperature:
Tmin_storage
Store in original packing only
-50
°C
Maximum Dry-Bake Temperature
Tdrybake
Less than100 hrs total, before
mounting
125
°C
Soldering Peak Temperature
Tpeak
Less than 30s
(IPC/JEDEC-STD-020
Standard)
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com