Electronic Components Datasheet Search
  English  ▼

X  

WM8737 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8737
Description  STEREO ADC WITH MICROPHONE PREAMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8737 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8737 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8737 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Preliminary Technical Data
WM8737L
w
AI Rev 3.0 May 2004
15
DC MEASUREMENT
For dc measurements (battery voltage monitoring for example), the LINPUT1 and/or RINPUT1 pins
can be taken directly into the respective ADC, bypassing the microphone preamplifier and PGA.
In dc mode the ADC output is mid-scale for L/RINPUT1 voltage AGND and full-scale for L/RINPUT
voltage 1.7 x AVDD. Note that L/RINPUT1 must not exceed AVDD and so a voltage divider will be
required to bring the battery voltage into range.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:7
LINSEL
00
Left Channel Input Select
00: LINPUT1
01: LINPUT2
10: LINPUT3
11: dc measure on LINPUT1
6:5
LMICBOOST[1:0]
00
Left Channel Microphone Gain Boost
00: 13dB boost
01: 18dB boost
10: 28dB boost
11: 33dB boost
R2 (02h)
Analogue Audio
Path Control
(Left Channel)
4
LMBE
0
Left Channel Mic Boost Enable
0: Mic preamp disabled, bypass switch
is closed.
1: Mic preamp is enabled, bypass
switch is open.
8:7
RINSEL
00
Right Channel Input Select
00: RINPUT1
01: RINPUT2
10: RINPUT3
11: dc measure on RINPUT1
6:5
RMICBOOST[1:0]
00
Right Channel Microphone Gain Boost
Same as LMICBOOST
R3 (03h)
Analogue Audio
Path Control
(Right Channel)
4
RMBE
0
Right Channel Mic Boost Enable
Same as LMBE
Table 2 Input Software Control
The internal VREF input bias may cause unwanted loading of any potential divider connected to
L/RINPUT1 for the purpose of dc measurement. In this case, the internal bias sources can be
disabled by setting the appropriate bits of register R10 to zero.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
RINPUT1 dc
BIAS ENABLE
1
0: Disable dc bias to RINPUT1
1: Enable dc bias to RINPUT1
R10 (0Ah)
DC Measure
Control
1
LINPUT1 dc BIAS
ENABLE
1
0: Disable dc bias to LINPUT1
1: Enable dc bias to LINPUT1
Table 3 DC Measurement Bias Control
MICROPHONE PREAMPLIFER BYPASS AND BIAS CONTROL
When the Left or Right microphone preamplifier is disabled the user has two options for driving the
corresponding Left or Right PGA.
Default operation is to close a preamplifier bypass switch that connects the PGA input directly to the
L/RINPUT1/2/3 multiplexer output.
If the application has only a single left or right line level signal source and hence does not require the
multiplexer or microphone preamplifier, then better PGA gain accuracy and THD+N performance are
obtained by disabling the multiplexer and bypass switch and driving the PGA directly via the L/RACIN
pin. The multiplexer and switch are disabled by setting to zero the appropriate L/RBYPEN bit in
register R9. The L/RINPUT1/2/3 pads remain biased to VREF. These bits should be set to 1 if the
multiplexer is required (always required when the microphone preamplifier is enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com