Electronic Components Datasheet Search
  English  ▼

X  

WM8750L Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8750L Datasheet HTML 1Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Product Preview
WM8750L
PP Rev 1.77 May 2003
5
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously
operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given
under Electrical Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
The WM8750L has been classified as MSL1, which has an unlimited floor life at <30
oC / 85% Relative Humidity and therefore will
not be supplied in moisture barrier bags.
CONDITION
MIN
MAX
Supply voltages
-0.3V
+3.63V
Voltage range digital inputs
DGND -0.3V
DBVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Operating temperature range, TA
-25
°C
+85
°C
Storage temperature prior to soldering
30
°C max / 85% RH max
Storage temperature after soldering
-65
°C
+150
°C
Package body temperature (soldering 10 seconds)
+260
°C
Package body temperature (soldering 2 minutes)
+183
°C
Notes
1.
Analogue and digital grounds must always be within 0.3V of each other.
2.
All digital and analogue supplies are completely independent from each other.
3.
DCVDD must be less than or equal to AVDD & DBVDD.
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital supply range (Core)
DCVDD
1.42
2.0
3.6
V
Digital supply range (Buffer)
DBVDD
1.8
2.0
3.6
V
Analogue supplies range
AVDD, HPVDD
1.8
2.0
3.6
V
Ground
DGND,AGND, HPGND
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com