Electronic Components Datasheet Search
  English  ▼

X  

WM8750L Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8750L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
WM8750L
Product Preview
PP Rev 1.77 May 2003
6
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.5V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio
data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (LINPUT1, RINPUT1, LINPUT2, RINPUT2, LINPUT3, RINPUT3) to ADC out
AVDD = 3.3V
1.0
Full Scale Input Signal Level
(for ADC 0dB Input at 0dB Gain)
VINFS
AVDD = 1.8V
0.545
V rms
Selected for ADC,
PGA gain = 0dB
12
20
Selected for ADC,
PGA gain = +30dB
1
1.5
Selected for mixer
TBD
Input Resistance
Input unused
TBD
k
Ω
Input Capacitance
10
pF
AVDD = 3.3V
90
95
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 1.8V
90
dB
Dynamic Range
-60dBFs
90
95
dB
-0.5dBFs input,
AVDD = 3.3V
-90
0.003
-84
0.006
Total Harmonic Distortion
THD
-0.5dBFs input,
AVDD = 1.8V
-84
0.006
-74
0.02
dB
%
ADC Channel Separation
1kHz signal
85
dB
Channel Matching
1kHz signal
0.2
dB
Programmable Gain Amplifier (PGA)
Programmable Gain
-17.25
30
dB
Programmable Gain Step Size
Monotonic
0.5
0.75
1.0
dB
Channel Matching
1kHz signal, 0dB Fs input
0.2
dB
Automatic Level Control (ALC)
Target Record Level
-28.5
-6
dBFS
Gain Hold Time
tHLD
0, 2.67, 5.33, 10.67, … , 43691
(time doubles with each step)
ms
Gain Ramp-Up (Decay) Time
tDCY
24, 48, 96, … , 2458
(time doubles with each step)
ms
Gain Ramp-Down (Attack) Time
tATK
MCLK = 12.288MHz
6, 12, 24, … , 6140
(time doubles with each step)
ms
DAC to Line-Out (L/ROUT2 with 10k
: / 50pF load)
AVDD=3.3V
TBD
98
Signal to Noise Ratio
(A-weighted)
SNR
AVDD=1.8V
95
dB
AVDD=3.3V
-95
Total Harmonic Distortion
THD
AVDD=1.8V
-90
dB
Channel Separation
1kHz signal
90
dB
Analogue Outputs (LOUT1/2, ROUT1/2, MONOOUT)
0dB Full scale output voltage
AVDD/3.3
Vrms
Programmable Gain
1kHz signal
-67
+6
dB
Programmable Gain Steps
Monotonic
80
steps
Mute attenuation
1kHz, full scale signal
85
dB
Channel Separation
80
90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com