Electronic Components Datasheet Search
  English  ▼

X  

WM8750L Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8750L Datasheet HTML 48Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 49Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 50Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 51Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 52Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 53Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 54Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 55Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 56Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
Product Preview
WM8750L
PP Rev 1.77 May 2003
53
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 – C4
100nF
De-coupling for DBVDD, DCVDD, AVDD, HPVDD
C5 – C6
10uF
Reservoir capacitor for DVDD, AVDD. Should the supplies use separate sources then
additional capacitors will be required of each additional source.
C7 – C12
1uF
AC input coupling capacitors
C13
2.2uF
Output AC coupling capacitors to remove DC level from MONOOUT
C14 & C15
220uF
Output AC coupling capacitors to remove DC level from headphone output (If used as
a line-out only, use 2.2uF caps. In capless mode using OUT3 , no caps are needed)
C16
100nF
De-coupling for VMID.
C17
10uF
Reservoir capacitor for VMID
C18
100nF
De-coupling for VREF
C19
10uF
Reservoir capacitor for VREF
C20
100nF
De-coupling for MICBIAS – Not required if MICBIAS output is not used
C21
10uF
Reservoir capacitor for MICBIAS – Not required if MICBIAS output is not used
External Components Descriptions
Note:
2
For Capacitors C5, C6, C17, C19 and C21 it is recommended that very low ESR components are used.
LINE INPUT CONFIGURATION
When LINPUT1/RINPUT1 or LINPUT2/RINPUT2 are used as line inputs, the microphone boost and
ALC functions should normally be disabled.
In order to avoid clipping, the user must ensure that the input signal does not exceed AVDD. This
may require a potential divider circuit in some applications. It is also recommended to remove RF
interference picked up on any cables using a simple first-order RC filter, as high-frequency
components in the input signal may otherwise cause aliasing distortion in the audio band. AC signals
with no DC bias should be fed to the WM8750L through a DC blocking capacitor, e.g. 1
µF.
MICROPHONE INPUT CONFIGURATION
Figure 44 Recommended Circuit for Line Input
For interfacing to a microphone, the ALC function should be enabled and the microphone boost
switched on. Microphones held close to a speaker’s mouth would normally use the 13dB gain setting,
while tabletop or room microphones would need a 29dB boost.
The recommended application circuit is shown above. R1 and R2 form part of the biasing network
(refer to Microphone Bias section). R1 connected to MICBIAS is necessary only for electret type
microphones that require a voltage bias. R2 should always be present to prevent the microphone
input from charging to a high voltage which may damage the microphone on connection. R1 and R2
R2
47kOhm
C1
220pF
C2
1uF
AGND
AGND
AGND
LINPUT1/2/3
RINPUT1/2/3
FROM
MICROPHONE
R1
680 Ohm to 2.2kOhm
check microphone's specification
MICBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com