| Electronic Components Datasheet Search |
|
X1226 Datasheet(PDF) 13 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X1226 Datasheet(HTML) 13 Page - Xicor Inc. |
|
13 / 24 page ![]() X1226 REV 1.1.24 1/13/03 Characteristics subject to change without notice. 13 of 24 www.xicor.com Random Read Random read operations allow the master to access any location in the X1226. Prior to issuing the Slave Address Byte with the R/W bit set to zero, the master must first perform a “dummy” write operation. The master issues the start condition and the slave address byte, receives an acknowledge, then issues the word address bytes. After acknowledging receipt of each word address byte, the master immediately issues another start condition and the slave address byte with the R/W bit set to one. This is followed by an acknowledge from the device and then by the eight bit data word. The master terminates the read operation by not responding with an acknowledge and then issu- ing a stop condition. Refer to Figure 12 for the address, acknowledge, and data transfer sequence. In a similar operation called “Set Current Address,” the device sets the address if a stop is issued instead of the second start shown in Figure 12. The X1226 then goes into standby mode after the stop and all bus activity will be ignored until a start is detected. This operation loads the new address into the address counter. The next Current Address Read operation will read from the newly loaded address. This operation could be useful if the master knows the next address it needs to read, but is not ready for the data. Sequential Read Sequential reads can be initiated as either a current address read or random address read. The first data byte is transmitted as with the other modes; however, the master now responds with an acknowledge, indi- cating it requires additional data. The device continues to output data for each acknowledge received. The mas- ter terminates the read operation by not responding with an acknowledge and then issuing a stop condition. The data output is sequential, with the data from address n followed by the data from address n + 1. The address counter for read operations increments through all page and column addresses, allowing the entire memory contents to be serially read during one operation. At the end of the address space the counter “rolls over” to the start of the address space and the X1226 continues to output data for each acknowledge received. Refer to Figure 13 for the acknowledge and data transfer sequence. Figure 12. Random Address Read Sequence 0 Slave Address Word Address 1 A C K A C K S t a r t S t o p Slave Address Data A C K 1 S t a r t SDA Bus Signals from the Slave Signals from the Master A C K Word Address 0 1 1 1 1 1 1 11 00 0 0 0 0 0 Figure 13. Sequential Read Sequence Data (2) S t o p Slave Address Data (n) A C K A C K SDA Bus Signals from the Slave Signals from the Master 1 Data (n-1) A C K A C K (n is any integer greater than 1) Data (1) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |