Electronic Components Datasheet Search
  English  ▼

X  

X1226 Datasheet(PDF) 21 Page - Xicor Inc.

Part # X1226
Description  Real Time Clock/Calendar with EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1226 Datasheet(HTML) 21 Page - Xicor Inc.

Back Button X1226 Datasheet HTML 16Page - Xicor Inc. X1226 Datasheet HTML 17Page - Xicor Inc. X1226 Datasheet HTML 18Page - Xicor Inc. X1226 Datasheet HTML 19Page - Xicor Inc. X1226 Datasheet HTML 20Page - Xicor Inc. X1226 Datasheet HTML 21Page - Xicor Inc. X1226 Datasheet HTML 22Page - Xicor Inc. X1226 Datasheet HTML 23Page - Xicor Inc. X1226 Datasheet HTML 24Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
X1226
REV 1.1.24 1/13/03
Characteristics subject to change without notice.
21 of 24
www.xicor.com
chip will be running from the battery. If Vback falls to
lower than Vtrip, then the chip shuts down and all out-
puts are disabled except for the oscillator and time-
keeping circuitry. The fact that the chip can be powered
from Vback is not necessarily an issue since standby
current for the RTC devices is <2µA for this mode
(called “main timekeeping current” in the data sheet).
Only when the serial interface is active is there an
increase in supply current, and with Vcc powered
down, the serial interface will most likely be inactive.
One way to prevent operation in battery backup mode
above the Vtrip level is to add a diode drop (silicon
diode preferred) to the battery to insure it is below
Vtrip. This will also provide reverse leakage protection
which may be needed to get safety agency approval.
One mode that should always be avoided is the opera-
tion of the RTC device with Vback greater than both
Vcc and Vtrip (Condition 2d in Table 8). This will cause
the battery to drain quickly as serial bus communica-
tion and non-volatile writes will require higher supplier
current.
PERFORMANCE DATA
IBACK Performance
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
IBACK vs. Temperature
Multi-Lot Process Variation Data
Temperature °C
-40
25
60
85
3.3V
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com