Electronic Components Datasheet Search
  English  ▼

X  

X1226 Datasheet(PDF) 20 Page - Xicor Inc.

Part # X1226
Description  Real Time Clock/Calendar with EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1226 Datasheet(HTML) 20 Page - Xicor Inc.

Back Button X1226 Datasheet HTML 16Page - Xicor Inc. X1226 Datasheet HTML 17Page - Xicor Inc. X1226 Datasheet HTML 18Page - Xicor Inc. X1226 Datasheet HTML 19Page - Xicor Inc. X1226 Datasheet HTML 20Page - Xicor Inc. X1226 Datasheet HTML 21Page - Xicor Inc. X1226 Datasheet HTML 22Page - Xicor Inc. X1226 Datasheet HTML 23Page - Xicor Inc. X1226 Datasheet HTML 24Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
X1226
REV 1.1.24 1/13/03
Characteristics subject to change without notice.
20 of 24
www.xicor.com
scope probe, there will be no useful information in that
waveform other than the fact that the circuit is oscillat-
ing. The X2 output is sensitive to capacitive impedance
so the voltage levels and the frequency will be affected
by the parasitic elements in the scope probe. Applying
a scope probe can possibly cause a faulty oscillator to
start up, hiding other issues (although in the Xicor
RTC’s, the internal circuitry assures startup when
using the proper crystal and layout).
The best way to analyze the RTC circuit is to power it
up and read the real time clock as time advances, or if
the chip has the PHZ output, look at the output of that
pin on an oscilloscope (after enabling it with the control
register, and using a pullup resistor for an open-drain
output). Alternaltively, the X1226 device has an IRQ-
output which can be checked by setting an alarm for
each minute. Using the pulse interrupt mode setting,
the once-per-minute interrupt functions as an indica-
tion of proper oscillation.
Backup Battery Operation
Many types of batteries can be used with the Xicor
RTC products. 3.0V or 3.6V Lithium batteries are
appropriate, and sizes are available that can power a
Xicor RTC device for up to 10 years. Another option is
to use a supercapacitor for applications where Vcc may
disappear intermittently for short periods of time.
Depending on the value of supercapacitor used,
backup time can last from a few days to two weeks
(with >1F). A simple silicon or Schottky barrier diode
can be used in series with Vcc to charge the superca-
pacitor, which is connected to the Vback pin. Do not
use the diode to charge a battery (especially lithium
batteries!).
Figure 16. Supercapactor charging circuit
Since the battery switchover occurs at Vcc=Vback-
0.1V (see Figure 16), the battery voltage must always
be lower than the Vcc voltage during normal operation
or the battery will be drained.
The summary of conditions for backup battery opera-
tion is given in Table 8:
Referring to Figure 16, Vtrip applies to the “Internal
Vcc” node which powers the entire device. This means
that if Vcc is powered down and the battery voltage at
Vback is higher than the Vtrip voltage, then the entire
2.7-5.5V
Supercapacitor
VSS
VCC
Vback
Table 8. Battery Backup Operation
*since Vback>2.65V is higher than Vtrip, the battery is powering the entire device
1. Example Application, Vcc=5V, Vback=3.0V
Condition
Vcc
Vback
Vtrip
Iback
Notes
a. Normal Operation
5.00
3.00
4.38
<<1µA
b. Vcc on with no battery
5.00
0
4.38
0
c. Backup Mode
0–1.8
1.8-3.0
4.38
<2µA
Timekeeping only
2. Example Application, Vcc=3.3V,Vback=3.0V
Condition
Vcc
Vback
Vtrip
Iback
a. Normal Operation
3.30
3.00
2.65
<<1µA
b. Vcc on with no battery
3.30
0
2.65
0
c. Backup Mode
0–1.8
1.8–3.0*
2.65
<2µA*
Timekeeping only
d. UNWANTED - Vcc ON, Vback
powering
2.65 - 3.30
> Vcc
2.65
up to 3mA
Internal
Vcc=Vback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com