Electronic Components Datasheet Search
  English  ▼

X  

XC9501 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC9501
Description  2ch. Step-up DC/DC Controller ICs.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9501 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC9501 Datasheet HTML 10Page - Torex Semiconductor XC9501 Datasheet HTML 11Page - Torex Semiconductor XC9501 Datasheet HTML 12Page - Torex Semiconductor XC9501 Datasheet HTML 13Page - Torex Semiconductor XC9501 Datasheet HTML 14Page - Torex Semiconductor XC9501 Datasheet HTML 15Page - Torex Semiconductor XC9501 Datasheet HTML 16Page - Torex Semiconductor XC9501 Datasheet HTML 17Page - Torex Semiconductor XC9501 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
(1) Output Voltage vs. Output Current (Continued)
Dotted Arrowhead
PWM/PFM Switching Control
14
XC9501 Series
2ch. Step-up DC/DC Controller ICs.
FOSC=300kHz, VOUT1, 2= 2.5V
2.2
2.3
2.4
2.5
2.6
2.7
0.1
1
10
100
1000
Output Current 1, 2 IOUT1, 2 (mA)
L=15
µH(CDRH5D28), CL=94µF(Tantalum)
SD:CMS02, Tr:XP161A1355P
1.2V
VIN=0.9V
1.5V
PWM/PFM Switching Control
PWM Control
FOSC=500kHz, VOUT1, 2= 2.5V
2.2
2.3
2.4
2.5
2.6
2.7
0.1
1
10
100
1000
Output Current 1, 2 IOUT1, 2 (mA)
L=10
µH(CDRH5D28), CL=94µF(Tantalum)
SD:CMS02, Tr:XP161A1355P
1.2V
VIN=0.9V
1.5V
PWM/PFM Switching Control
PWM Control
FOSC=300kHz, VOUT1, 2= 5.0V
4.7
4.8
4.9
5.0
5.1
5.2
0.1
1
10
100
1000
Output Current 1, 2 IOUT1, 2 (mA)
L=15
µH(CDRH5D28), CL=94µF(Tantalum)
SD:CMS02, Tr:XP161A1355P
1.5V
VIN=1.2V
3.3V
2.7V
4.2V
PWM/PFM Switching Control
PWM Control
FOSC=500kHz, VOUT1, 2= 3.3V
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
Output Current 1, 2 IOUT1, 2 (mA)
1.5V
VIN=0.9V
1.2V
2.7V
PWM/PFM Switching Control
PWM Control
L=10
µH(CDRH5D28), CL=94µF(Tantalum)
SD:CMS02, Tr:XP161A1355P
FOSC=300kHz, VOUT1, 2= 3.3V
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
Output Current 1, 2 IOUT1, 2 (mA)
L=15
µH(CDRH5D28), CL=94µF(Tantalum)
SD:CMS02, Tr:XP161A1355P
1.2V
VIN=0.9V
2.7V
1.5V
PWM/PFM Switching Control
PWM Control
FOSC=500kHz, VOUT1, 2= 5.0V
4.7
4.8
4.9
5.0
5.1
5.2
0.1
1
10
100
1000
Output Current 1, 2 IOUT1, 2 (mA)
L=10
µH(CDRH5D28), CL=94µF(Tantalum)
SD:CMS02, Tr:XP161A1355P
1.5V
VIN=0.9V
3.3V
2.7V
4.2V
1.2V
PWM/PFM Switching Control
PWM Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com