Electronic Components Datasheet Search
  English  ▼

X  

XC9501 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9501
Description  2ch. Step-up DC/DC Controller ICs.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9501 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9501 Datasheet HTML 1Page - Torex Semiconductor XC9501 Datasheet HTML 2Page - Torex Semiconductor XC9501 Datasheet HTML 3Page - Torex Semiconductor XC9501 Datasheet HTML 4Page - Torex Semiconductor XC9501 Datasheet HTML 5Page - Torex Semiconductor XC9501 Datasheet HTML 6Page - Torex Semiconductor XC9501 Datasheet HTML 7Page - Torex Semiconductor XC9501 Datasheet HTML 8Page - Torex Semiconductor XC9501 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
! Block Diagram
! Absolute Maximum Ratings
Ta=25
OC
mW
IEXT
± 100
mA
Tstg
EXT1, 2 Pin Current
Power Dissipation
Operating Ambient Temperature
Storage Temperature
Pd
150
- 0.3 ~ 12
VEXT
- 0.3 ~ VDD + 0.3
V
FB1, 2 Pin Voltage
V
VEN
- 0.3 ~ 12
V
EN1, 2 Pin Voltage
PWM1,2 Pin Voltage
EXT1, 2 Pin Voltage
VDD Pin Voltage
VFB
XC9501 Series
VPWM
- 0.3 ~ 12
V
- 55 ~ + 125
OC
OC
Topr
- 40 ~ + 85
2ch. Step-up DC/DC Controller ICs.
VDD
SYMBOL
UNITS
- 0.3 ~ 12
V
RATINGS
PARAMETER
PWM1
+
-
FB1
VDD
EXT1
Vref1 = 0.9V
with Soft Start1,
EN1
+
-
PWM/PFM
Controller 1
Vref2 = 0.9V
with Soft Start 1,
EN2
+
-
PWM/PFM
Controller 2
FB2
GND
EXT2
OSC
Generator
Ramp Wave
Generator 1
Ramp Wave
Generator 2
Error Amp2
Error Amp1
PWM
Comparator2
PW
M
Comparator1
EN1
PWM2
EN2
EN1 to
internal circuit
EN2 to
internal circuit
+
-
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com