Electronic Components Datasheet Search
  English  ▼

X  

XC9501 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9501
Description  2ch. Step-up DC/DC Controller ICs.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9501 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9501 Datasheet HTML 1Page - Torex Semiconductor XC9501 Datasheet HTML 2Page - Torex Semiconductor XC9501 Datasheet HTML 3Page - Torex Semiconductor XC9501 Datasheet HTML 4Page - Torex Semiconductor XC9501 Datasheet HTML 5Page - Torex Semiconductor XC9501 Datasheet HTML 6Page - Torex Semiconductor XC9501 Datasheet HTML 7Page - Torex Semiconductor XC9501 Datasheet HTML 8Page - Torex Semiconductor XC9501 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
! Electrical Characteristics
XC9501B092A
Common Characteristics
(FOSC=180kHz)
Ta=25
OC
VDD
≥ 2.0V, IOUT1, 2 =1mA
VOUT1, VOUT2
VOUT1
VOUT2
VOUT1
VOUT2
EN2=3.0V, EN1=0V, FB2=0V
FB1=1.0V, FB2=0V
Unless otherwise stated, VDD=3.0V, PWM1,2=3.0V, EN1, 2 =3.0V
Output 1 Characteristics
Step-up Controller
Ta=25
OC
Using Tr: 2SD1628,
Unless otherwise stated, VDD=EN1=PWM1=3.0V, EN2=PWM2=GND, EXT2=OPEN, FB2=OPEN, VIN=1.8V
Output 2 Characteristics
Step-up Controller
Ta=25
OC
Using Tr: 2SD1628,
Unless otherwise stated, VDD=EN2=PWM2=3.0V, PWM1=EN1=GND, EXT1=OPEN, FB1=OPEN, VIN=1.8V
TYP.
TYP.
UNITS
MIN.
V
5.0
-
0.65
Ω
28
10.0
9
V
9
FB1 Voltage
PARAMETER
SYMBOL
VFB1
Soft-Start Time1
EXT1 "Low" ON Resistance
Efficiency1
MAX.
FB1,2 "High" Current
UNITS
PARAMETER
SYMBOL
CONDITIONS
MIN.
IFBH
FB1,2=3.0V
-
-0.50
-
0.50
--
Supply Current 1
IDD1
FB1,2=0V
-
80
70
-
MIN.
TYP.
-
0.9
PWM1,2 "Low" Current
IPWML
FB1,2=3.0V,PWM=0V
No Load
FB2=0, EXT2=VDD-0.4V
EFFI2
Soft-Start Time2
TSS2
VPWMH2
Efficiency2
7
9
PWM2 "Low" Voltage
VPWML2 No Load
-
PWM2 "High" Voltage
EXT2 "High" ON Resistance REXTBH2
22
-
0.20
-
-
-
47
20.0
30
83
MAXDTY2
%
-
IOUT2=100mA, Nch MOSFET:XP161A1355P
80
-
25
38
Ω
7
4
4
mS
9
%
9
Oscillation Start-up Voltage2
VST2-2
-
PFM Duty Ratio2
PFMDTY2 No Load, VPWM2=0V
Maximum Duty Ratio2
FB2=0V
Same as IDD1
75
V
2.0
%
V
V
0.8
85
0.9
-
Output Voltage Range
(note 4)
VOUTSET
0.9
PARAMETER
SYMBOL
CONDITIONS
2ch. Step-up DC/DC Controller ICs.
TEST
CIRCUIT
MAX. UNITS
XC9501 Series
-
-
0.9
-
2.0
-
10.0
-
-
60
Supply Current 1-1
IDD1-1
150
µA
FB1=0V, FB2=1.0V
-
Supply Current 1-2
IDD1-2
120
µA
132
µA
Supply Current 2
IDD2
FB1,2=1.0V
-
3.0
µA
Stand-by Current
ISTB
Same as IDD1, EN1=EN2=0V
-
180
207
kHz
Switching Frequency
FOSC
Same as IDD1
153
--
V
EN1,2 "High" Voltage
VENH
FB1,2=0V
0.65
-
0.20
V
EN1,2 "Low" Voltage
VENL
FB1,2=0V
-
-
0.50
µA
EN1,2 "High" Current
IENH
FB1,2=3.0V
-
-
-0.50
µA
EN1,2 "Low" Current
IENL
EN1,2=0V, FB1,2=3.0V
-
-
0.50
µA
PWM1,2 "High" Current
IPWMH
FB1,2=3.0V, PWM=3.0V
-
-
-0.50
FB1,2 "Low" Current
VFBL
FB1,2=1V
-
0.882
0.900
0.918
V
Operation Start-up
Voltage1
(note 2)
VST1-1
-
-
IOUT=1.0mA, RFB11=200k
Ω, RFB12=75kΩ
-
80
85
VST2-1
0.8
-
V
2.0
V
-
-
0.9
83
10.0
-
30
38
VDD
≠ VOUT2 : IOUT2=1mA
28
47
20.0
-
0.900
0.918
-
MAX.
-
FB2 Voltage
VFB2
VDD=3.0V, VIN=1.5V, IOUT2=10mA
0.882
IOUT2=1.0mA, RFB21=200k
Ω,RFB22=75kΩ
PFM Duty Ratio1
PFMDTY1 No Load, VPWM1=0V
22
Maximum Duty Ratio1
MAXDTY1 Same as IDD1
75
Oscillation Start-up Voltage1
-
EFFI1
IOUT1=100mA Nch MOSFET:XP161A1355P
-
TSS1VOUT1
× 0.95V, CE1=0V→0.65V
5.0
EXT1 "High" ON Resistance REXTBH1
0.65
REXTBL1
-
-22
30
-
0.20
V
PWM1 "Low" Voltage
VPWML1 No Load
-
-
Operation Start-up
Voltage2
(note 3)
VST1-2
V
µA
90
160
-
10.0
10.0
VIN
≥ 0.9V, IOUT1, 2=1mA
(note 3)
2.0
PWM1 "High" Voltage
VPWMH1
Supply Voltage (note 1)
VDD
2.0
V
V
V
-
µA
3
4
4
4
4
4
4
4
4
µA
µA
%
1
2
4
4
V
V
7
4
4
4
4
4
4
2
V
Ω
3
6
7
mS
%
%
6
6
22
-
8
1
TEST
CIRCUIT
V
TEST
CIRCUIT
Ω
V
6
1
5
6
CONDITIONS
VDD
≠ VOUT1: IOUT1=1mA
VDD=3.0V, VIN=1.5V, IOUT1=10mA
VIN
≥ 0.9V, IOUT1, 2=1mA
(note 2)
EN1=FB2=0V, EXT1=0.4V
FB1=0V
FB1=0, EXT1=VDD-0.4V
No Load
EN1=3.0V, EN2=0V, FB1=0V
VOUT2
× 0.95V, EN2=0V→0.65V
EXT2 "Low" ON Resistance
REXTBL2 EN2=FB2=0V, EXT2=0.4V
-
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com