Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 125 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 125 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 121Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 122Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 123Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 124Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 125Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 126Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 127Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 128Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 129Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
123
Polyamide Ex Blind Plug
II 2 G/D
Polyamide Plastic Cable Glands
Type
Material
Color
Sealing Inset
External Seal
Ingress Protection
Temperature Range
Polyamide Cable Gland
Polyamide
RAL 7035
NBR
-
IP 68
-40°F to +212°F
Type
Certification
Material
Color
Ingress Protection
Temperature Range
Plastic Ex Blind Plugs
DIN EN 5014/19/20
acc. guideline 94/9/EG
Polyamide 6
RAL 9005 (black)
IP 68 with seal
-40°F to +104°F
II 2 G/D
Type
Certification
Material
Color
Ingress Protection
Temperature Range
Polyamide Ex
DIN EN 50014/19/20
acc. guideline 94/9/EG
Polyamide 6
Black (RAL 9005)
Blue (RAL 5012)
IP 68 with seal
-40°F to +140°F
7
9
11
13.5
16
21
29
36
42
48
M 12 x 1.5
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
M 50 x 1.5
M 63 x 1.5
3 - 6.5
4 - 8
5 - 10
6 - 12
10 14
13 - 18
18 - 25
22 - 32
30 - 38
34 - 44
3 - 6
5 - 10
8 - 13
11 - 17
15 - 21
19 - 28
26 - 35
32 - 42
100
100
100
100
50
50
25
10
5
5
100
100
100
100
50
10
5
5
08020207 00
08020209 00
08020211 00
08020213 00
08020216 00
08020221 00
08020229 00
08020236 00
08020242 00
08020248 00
08080512 00
08080516 00
08080520 00
08080525 00
08080532 00
08080540 00
08080550 00
08080563 00
Type
Cable Ø
Pcs/Pack
Part Number
PG
Polyamide Cable Glands
Metric
7
9
11
13.5
16
21
29
36
42
48
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
M 50 x 1.5
M 63 x 1.5
100
100
100
100
100
100
50
20
20
20
100
100
100
100
20
20
20
08056707 00
08056709 00
08056711 00
08056713 00
08056716 00
08056721 00
08056729 00
08056736 00
08056742 00
08056748 00
08090616 00
08090620 00
08090625 00
08090632 00
08090640 00
08090650 00
08090663 00
Type
Cable Ø
Pcs/Pack
Part Number
PG
Metric
7
9
11
13.5
16
21
29
36
42
48
M 16 x 1.5
M 20 x 1.5
M 25 x 1.5
M 32 x 1.5
M 40 x 1.5
M 50 x 1.5
M 63 x 1.5
3.5 - 6
5 - 8
6 - 10
8 - 13
10 - 15
13 - 19
17 - 25
24 - 32
28 - 38
34 - 44
5 - 8
8 - 13
13 - 19
17 - 25
24 - 32
28 - 38
34 - 44
20
20
20
20
20
20
10
10
10
10
20
20
20
10
10
10
10
08065007 00
08065009 00
08065011 00
08065013 00
08065016 00
08065021 00
08065029 00
08065036 00
08065042 00
08065048 00
08060007 00
08060009 00
08060011 00
08060013 00
08060016 00
08060021 00
08060029 00
08060036 00
08060042 00
08060048 00
08080716 00
08080720 00
08080725 00
08080732 00
08080740 00
08080750 00
08080763 00
08080616 00
08080620 00
08080625 00
08080632 00
08080640 00
08080650 00
08080663 00
Type
Cable Ø
Pcs/Pack
Part Number
Part Number
PG
Polyamide Ex Cable Glands
Metric
Black
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com