Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 39Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 40Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 41Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 42Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 43Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 44Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 45Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 46Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
41
External Dimensions
mm
External Dimensions
Inches
Description
Part Number
07509005 00
07509006 00
07509007 00
07509014 00
07509008 00
83900003 00
83900006 00
07509211 00
07509212 00
07509213 00
07529299 00
07509214 00
07509010 00
W x H x D
W x H x D
• Aluminum profile enclosure system in 5 diameters for data acquisition, PC, and
measurement and control technology
• External screw channels guarantee complete use of internal area
• Integrated guide grooves for PC boards
• External groove system
• Variable profile lengths
Included in delivery
Enclosure with 2 aluminum diecast lids and 2 multi-function
profiles, not screwed.
Technical Data
Color
Material
Protection Classifications
Temperature Resistance
Profile and lid, jet black, similar to RAL 9005. Multi-function side profile: ruby red, similar to RAL 3003.
Profile: AlMgSi 0.5; DIN 1725. End lids: GD-AlSi 12
up to IP 65, EN 60529
-40°F to +90°F
NoVoTronic
NoVoTronic 80
98 x 44 x 100
98 x 44 x 160
98 x 44 x 200
98 x 44 x SL*
118 x 44 x 100
118 x 44 x 160
118 x 44 x 200
118 x 44 x SL*
182 x 85 x 160
182 x 85 x 200
182 x 85 x 300
182 x 85 x SL*
7.16 x 3.35 x 6.30
7.16 x 3.35 x 6.30
7.16 x 3.35 x 11.81
7.16 x 3.35 x SL*
157 x 69 x 150
157 x 69 x 160
157 x 69 x 220
157 x 69 x SL*
233 x 121 x 240
233 x 121 x 300
233 x 121 x 350
233 x 121 x SL*
6.18 x 2.72 x 5.90
6.18 x 2.72 x 7.09
6.18x 2.72 x 8.66
6.18 x 2.72 x SL*
9.17 x 4.76 x 9.45
9.17 x 4.76 x 11.81
9.17 x 4.76 x 13.78
9.17 x 4.76 x SL*
3.76 x 1.73 x 3.94
3.86 x 1.73 x 6.30
3.86 x 1.76 x 7.87
3.86 x 1.76 x SL*
4.64 x 1.73 x 3.94
4.64 x 1.73 x 6.30
4.64 x 1.73 x 7.87
4.64 x 1.73 x SL*
80 x 36 x 100
80 x 36 x 160
80 x 36 x 200
80 x 30 x SL*
100 x 36 x 100
100 x 36 x 160
100 x 36 x 200
100 x 36 x SL*
160 x 75 x 160
160 x 75 x 200
160 x 75 x 300
160 x 75 x SL*
130 x 57 x 130
130 x 57 x 160
130 x 57 x 200
130 x 57 x SL*
200 x 105 x 220
200 x 105 x 280
200 x 105 x 330
200 x 105 x SL*
Internal Dimensions
Inches
Model
Number
Part
Number
Internal Dimensions
mm
H x W x D
H x W x D
80/100
80/160
80/200
80/SL*
100/100
100/160
100/200
100/SL*
160/160
160/200
160/300
160/SL*
130/130
130/160
130/200
130/SL*
200/220
200/280
200/330
200/SL*
07501010 00
07501011 00
07501012 00
07501099 00
07502010 00
07502011 00
07502012 00
07502099 00
07503010 00
07503011 00
07503012 00
07503099 00
07502510 00
07502511 00
07502513 00
07502599 00
07504010 00
07504011 00
07504012 00
07504099 00
NoVoTronic 100
NoVoTronic 160
NoVoTronic 130
NoVoTronic 200
3.15 x 1.42 x 3.94
3.15 x 1.42 x 6.30
3.15 x 1.42 x 7.87
3.15 x 1.42 x SL*
5.12 x 2.24 x 5.12
5.12 x 2.24x 6.30
5.12 x 2.24 x 7.87
5.12 x 2.24 x SL*
3.94 x 1.41 x 3.94
3.94 x 1.41 x 6.30
3.94 x 1.41 x 7.87
3.94 x 1.41 x SL*
6.30 x 2.96 x 6.30
6.30 x 2.96 x 7.87
6.30 x 2.96 x 11.81
6.30 x 2.96 x SL*
7.87 x 4.13 x 8.66
7.87 x 4.13 x 11.02
7.87 x 4.13 x 12.99
7.87 x 4.13 x SL*
Part Number
Description
07509011 00
07509012 00
07509013 00
07509099 00
07509111 00
07509112 00
07509113 00
07509114 00
07509199 00
07509002 00
07509003 00
07509004 00
07509015 00
Wall profile 80/100-100
Walll profile 80/100-160
Wall profile 80/100-200
Wall profile 80/SL*
Wall profile 130/160-130
Wall profile 130/160-160
Wall profile 130/160-200
Wall profile 130/160-300
Wall profile 130/160-SL*
Lid wall holder 80/100
NoVo wall holder P80
NoVo wall holder P100
NoVo wall holder P130
NoVo wall holder P160
Foot/connection element 80
Foot/connection element 100
Foot connection element 130
Foot connection element 160
Battery insert 9V block
Battery insert 4 AA
NoVoTronic PCB profile 200-220
NoVoTronic PCB profile 200-280
NoVoTronic PCB profile 200-330
NoVoTronic PCB profile 200-SL*
NoVoTronic PCB profile 80-100
Transparent cover 160
Accessories
*SL = Special Length
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
*SL = Special Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com