Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 44Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 45Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 46Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 47Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 48Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 49Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 50Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 51Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 164 page
background image
www.Rose-Bopla.com
46
One-shell closed extrusion design with integrated heat
sink, integrated guide rails for two 160 mm PC boards, and
2 external “T” slots for bracket wall-mounting. External
wall-mount bracket set, optional.
One-shell closed extrusion design with integrated guide
rail for one 100 mm PC board and 2 external “T” slots for
bracket wall-mounting. External wall-mount bracket set,
optional.
Extrusion, bare Aluminum (sold by the meter)
Unpainted Aluminum plate lid with screws
Set of 4 External Wall Mount Brackets with spring nuts and screws
Rubber Table Feet
Black Lid Screw (M3 x 8)
Multitronic Build-A-Box
® 10011112
Part #
Type
Description
10011112 00
10095155 08
77000100 00
10094110 00
10093205 00
Extrusion
Lid
Brackets
Rubber Feet
Screw
Extrusion, bare Aluminum (sold by the meter)
Unpainted Aluminum plate lid with screws
Set of 4 External Wall Mount Brackets with spring nuts and screws
Rubber Table Feet
Black Lid Screw (M3 x 8)
Multitronic Build-A-Box
® 10011108
Part #
Type
Description
10011108 00
10095150 08
77000100 00
10094110 00
10093205 00
Extrusion
Lid
Brackets
Rubber Feet
Screw
Accessories
Accessories
Enclosure Profile
Enclosure Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com