Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 15Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 16Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 17Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 18Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 19Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 20Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 21Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 22Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
17
Glassfiber-reinforced, duroplastic Polyester
IP 65 to EN 60529
>7 Nm, EN 50014
UL 94 V0
Fully insulated to VDE 010
Neoprene gasket: -40°F to +212°F
Silicone gasket: -76°F to +266°F
Polyurethane gasket: -40°F to +194°F
RFI gasket: -40°F to + 392°F
max. 0.7% downstream of ASTM D 570
18 KV/mm
Halogen-free
>1012 Ohm VDE 0303 DIN 53482
Gray, similar to RAL 7032, special colors on request
With Polycarbonate Transparent Lid
Standard Version
Flange
Openings
• Enclosures with flange openings for automation engineering
• Multiple configurations possible by combining with other Fiberglass Flange
enclosures.
Polyester Flange Enclosures
Included in delivery
Enclosure in Fiberglass consisting of lid with seal, and
plastic quick-release lock screws; base with flange open-
ings, threaded insert set (4 pcs.). Please order flange
plates separately.
Technical Data
Material
Ingress Protection
Impact Resistance
Flammability
Insulation
Temperature Resistance
Water Absorption
Disruptive Strength
Toxicity
Surface Resistance
Color
IP 65 to EN 60529
V2 / UL 94
Fully insulated to VDE 0100
Polyurethane gasket: -40°F to +194°F
max 0.2% DIN 53405 ISO/R62
>30 Kv/mm VDE 0303 DIN 53481
Halogen-free
>1015 Ohm VDE 0303 DIN 53482
Gray, similar to RAL 7000, special colors on request
14000027 00
14000028 00
14000029 00
14000027 00
14000028 00
14000029 00
Part Number
Dimensions
mm
Dimensions
Inches
Mounting
Plate
Front
Plate
* DIN Rail
TS 35
Silicone Seal
for Lid
14010000 00
14020000 00
14030000 00
14010001 00
14020001 00
14030001 00
W x L x H
W x L x H
2
4
6
2
4
6
14000011 00
14000012 00
14000013 00
14000011 00
14000012 00
14000013 00
10061721 00
10061722 00
10061723 00
10061721 00
10061722 00
10061723 00
10051501 00
10051502 00
10051503 00
10051501 00
10051502 00
10051503 00
170 x 270 x 135
270 x 270 x 135
270 x 540 x 135
Blind Flange
Threaded flange (17 x PG 11)
Threaded flange (14 x PG 13.5)
Threaded flange (11 x PG 16)
Threaded flange (4 x PG 16, 2 x PG 21.1 x PG 29
Connecting flange (11 x PG 16)
Lid hinges (2 pcs.) for all types
External brackets (4 pcs.)
Threaded insert, additional (10 pcs.)
Silicone seal for flanges
Silicone seal for connecting flange
14000020 00
14000030 00
14000022 00
14000021 00
14000023 00
14000025 00
14000026 00
10031102 00
10035002 00
10051402 00
10051403 00
270 x 270 x 150
270 x 270 x 150
270 x 540 x 150
6.69 x 10.63 x 5.31
10.63 x 10.63 x 5.91
10.63 x 21.26 x 5.31
6.69 x 10.63 x 5.91
10.63 x 10.63 x 5.91
10.63 x 21.26 x 5.91
Version with Polycarbonate Transparent Lid
*TS 32 on request
Note: Standard delivery is without flanges, please order flange plates separately.
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
Flanges and Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com