Electronic Components Datasheet Search
  English  ▼

X  

8408000000 Datasheet(PDF) 161 Page - List of Unclassifed Manufacturers

Part # 8408000000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8408000000 Datasheet(HTML) 161 Page - List of Unclassifed Manufacturers

Back Button 8408000000 Datasheet HTML 156Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 157Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 158Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 159Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 160Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 161Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 162Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 163Page - List of Unclassifed Manufacturers 8408000000 Datasheet HTML 164Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 161 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
159
6
7
8
Example: IP54
–first digit 5= protection against dust and wire contact with
dangerous parts
–second digit 4= protection against splashing water
Not protected
Digit
Second digit: Protection against water
Protection against vertical
water drops
Protection against vertical
water drops when the
enclosure is inclined at 15°
Protection against water spray
Protection against water spray
Protection against water jet
Protection against powerful water jet
Protection against the effects of
temporary immersion in water
Protection against
the effects of constant
submersion in water
–
Drops of water falling vertically
onto the enclosure must not have
any harmful effects
Drops of water falling vertically onto the
enclosure must not have any harmful effects
if the enclosure is inclined by up to
15° on both sides of the vertical
Water sprayed onto the enclosure at up
to 60° on both sides of the vertical must
not have any harmful effects
Water splashed onto the enclosure
from any direction must
not have any harmful effects
Water splashed onto the enclosure
from any direction must
not have any harmful effects
A strong water jet directed at the
enclosure from any direction must
not have any harmful effects
Water must not enter in a quantity that could
have harmful effects if the enclosure is
temporarily immersed in water under
standardized pressure and time conditions
Water must not enter in a quantity that could have
harmful effects if the enclosure is kept permanently under
water under conditions agreed between the manufacturer
and the user; however, these must be more severe than
those under figure 7
Brief Description
Definition
0
1
2
3
4
5
Protection Classifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com